Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0111SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0111SMB
Description  1.25 W VSAT Power Amplifier 13.75-14.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0111SMB Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0111SMB Datasheet HTML 1Page - Tyco Electronics MAAPSS0111SMB Datasheet HTML 2Page - Tyco Electronics MAAPSS0111SMB Datasheet HTML 3Page - Tyco Electronics MAAPSS0111SMB Datasheet HTML 4Page - Tyco Electronics MAAPSS0111SMB Datasheet HTML 5Page - Tyco Electronics MAAPSS0111SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.25 W VSAT Power Amplifier
13.75—14.5 GHz
MAAPSS0111
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2P
2
RoHS
Compliant
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Input Return Loss
—
dB
—
-16
—
Output Return Loss
—
dB
—
-12
—
Gain
—
dB
—
34
—
Gain Flatness
—
dB
—
1
—
PSAT
—
dBm
—
31
—
Current
IDQ
PSAT
mA
mA
—
—
400
530
—-
—
PAE
PSAT
%
—
31
—
Gate Bias
Voltage
Current under saturation
V
mA
—
-1.9
0.2
—
Duty Cycle
—
%
—
—
100
Stability
+2.5V < VCC < +8.0 V, POUT = saturated,
VSWR < 5:1, -40°C < TC < +85 ºC,
RBW = 3 MHz max hold
All spurs < -60 dBc
Frequency
GHz
13.75
—
14.5
Electrical Specifications: VDD = 8 V, IDQ = 400 mA, TA = 25 °C, Z0 = 50 Ω
Operating the MAAPSS0111
The MAAPSS0111 is static sensitive. Please handle
with care. To operate the device, follow these steps.
Ramp down or shutdown in reverse order (gate bias
on first and off last).
1. Apply VGG (-2.0 V).
2. Apply VDD (8.0 V Typical).
3. Set IDQ by adjusting VGG.
4. Apply RFIN.
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Input Power
+10 dBm
Operating Supply Voltage
+10 Volts
Operating Gate Voltage
-3 Volts
Operating Base Temperature
-40°C to +85°C
Channel Temperature
+160 °C
Storage Temperature
-40°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com