Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0111SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAPSS0111SMB
Description  1.25 W VSAT Power Amplifier 13.75-14.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0111SMB Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPSS0111SMB Datasheet HTML 1Page - Tyco Electronics MAAPSS0111SMB Datasheet HTML 2Page - Tyco Electronics MAAPSS0111SMB Datasheet HTML 3Page - Tyco Electronics MAAPSS0111SMB Datasheet HTML 4Page - Tyco Electronics MAAPSS0111SMB Datasheet HTML 5Page - Tyco Electronics MAAPSS0111SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.25 W VSAT Power Amplifier
13.75—14.5 GHz
MAAPSS0111
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2P
4
RoHS
Compliant
Performance Curves: VDD = 8 V, IDQ = 450 mA, TA = 40 °C, Z0 = 50 Ω
-32
-24
-16
-8
0
8
16
24
32
40
8
1012
141618
Frequency (GHz)
Gain
-40
-35
-30
-25
-20
-15
-10
-5
0
8
101214
1618
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
8
1012141618
Frequency (GHz)
Input Return Loss
Output Return Loss
Gain, 12 - 16 GHz
20
22
24
26
28
30
32
34
36
38
40
12
13
14
15
16
Frequency (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com