Electronic Components Datasheet Search
  English  ▼

X  

MAATCC0010TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAATCC0010TR
Description  Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATCC0010TR Datasheet(HTML) 2 Page - Tyco Electronics

  MAATCC0010TR Datasheet HTML 1Page - Tyco Electronics MAATCC0010TR Datasheet HTML 2Page - Tyco Electronics MAATCC0010TR Datasheet HTML 3Page - Tyco Electronics MAATCC0010TR Datasheet HTML 4Page - Tyco Electronics MAATCC0010TR Datasheet HTML 5Page - Tyco Electronics MAATCC0010TR Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
*
!
" # $ %&'(
)
*
+
,
#*
, -
5
6
( ' ><C
3
J
( )
/ '
6
( ' ><C
6
( ' ><C
3
3
J
J
J
J
K ( G1;
K 1 G.;
24L :
6
( ' ><C
:
J
* '%0
* *%0
4
4
J
J
J
J
.1
*'
01'
1'
0 3
1'
<C
' 1 ( ' ><C
3
3
J
J
G*0
G*/
J
J
7(
1'
<C
' 1 ( ' ><C
3
3
J
J
G(1
G/&
J
J
2
2
J
J
2
2
/ .1
& '
1 '
1 '
1 *1
/ .1
2 5
2 <
J
J
2
2
' '
* '
J
J
' &
1 '
5
J
0 '
J
0 '
#
J
3
0 * / & 0) 3
"
3
0
(0 3
+
:
1';
-'; 0'; :+
0';
-';
-';
0';
J
J
$
G1 3
J
J
5 L
< ><
2
M 2
>E6
D
4
2
M 2
>E6
J
J
*1'
/''
4
7
$$5
7
2
M
,!2
M 2
* 0 2
J
J
J
0 '
$
:
N
J
J
@ L
J
(1
J
99
299
,!2
M 2 5
2 <
J
0 '
' *
J
, -
.
/0
1
, -
,
7
' '1 ><C
' 1 ( ' ><C
G*. 3
G(/ 3
2
' 12 O2
OG. '2
299
& 12 O299 OG' 12
2
299
' 12 O2
299 O0/ 12
2
1
' 12 O2
O2
G ' 12
$
/'P
G&1P
4
$
)1P
G0*1P
(
9,
"
/
"
1
4
4 $$5
!
.
2
)
E
4*'&(
"



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com