Electronic Components Datasheet Search
  English  ▼

X  

MAATCC0010TR Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAATCC0010TR
Description  Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATCC0010TR Datasheet(HTML) 3 Page - Tyco Electronics

  MAATCC0010TR Datasheet HTML 1Page - Tyco Electronics MAATCC0010TR Datasheet HTML 2Page - Tyco Electronics MAATCC0010TR Datasheet HTML 3Page - Tyco Electronics MAATCC0010TR Datasheet HTML 4Page - Tyco Electronics MAATCC0010TR Datasheet HTML 5Page - Tyco Electronics MAATCC0010TR Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
(
#*
3
4
7
"
%
!
!
3 *
>
946
"
"
7
946
F
"
#
#
5
6
72
8
1
&
7
'
'
'
'
'
5
!:
'
'
'
'
0
0 ' 3
'
'
'
0
'
* ' 3
'
'
0
'
'
/ ' 3
'
0
'
'
'
& ' 3
0
'
'
'
'
0) ' 3
0
0
0
0
0
(0 ' 3
' M $$55
Q0 M $$5<
0'
* '
( '
/ '
'
0'''
*'''
('''
/'''
0''
* ''
( ''
'
0'''
*'''
('''
/'''
' 0
'
' 0
' *
' (
'
0'''
*'''
('''
/'''
' 0
'
' 0
' *
' (
'
0'''
*'''
('''
/'''



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com