Electronic Components Datasheet Search
  English  ▼

X  

1424924 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1424924
Description  SAC-3P-10,0-547/M12FS BK - Sensor/actuator cable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1424924 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1424924 Datasheet HTML 1Page - PHOENIX CONTACT 1424924 Datasheet HTML 2Page - PHOENIX CONTACT 1424924 Datasheet HTML 3Page - PHOENIX CONTACT 1424924 Datasheet HTML 4Page - PHOENIX CONTACT 1424924 Datasheet HTML 5Page - PHOENIX CONTACT 1424924 Datasheet HTML 6Page - PHOENIX CONTACT 1424924 Datasheet HTML 7Page - PHOENIX CONTACT 1424924 Datasheet HTML 8Page - PHOENIX CONTACT 1424924 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Number of positions
3
Coding type
A
Cable/line
Cable length
10 m
PVC AWG 18 yellow 105°C [547]
Dimensional drawing
UL AWM Style
2517 (105 °C / 300 V)
Number of positions
3
Shielded
no
Cable type
PVC AWG 18 yellow 105°C [547]
Conductor structure signal line
41x 0.16 mm
AWG signal line
18
Wire diameter incl. insulation
1.7 mm ±0.03 mm
External cable diameter
5.70 mm ±0.2 mm
Outer sheath, material
PVC
External sheath, color
yellow
Conductor material
Tin-plated Cu litz wires
Material wire insulation
PVC
Single wire, color
brown, blue, black
Overall twist
3 wires, twisted
Nominal voltage, cable
300 V
Minimum bending radius, fixed installation
8 x D
Smallest bending radius, fixed installation
46 mm
Flame resistance
FT4
C(UL) CMX OUTDOOR-CMG 105 °C
UL ITC/PLTC 105 °C
Special properties
CSA AWM I/II A/B FT4 105 °C / 300 V
Ambient temperature (operation)
-30 °C ... 105 °C (cable, fixed installation)
Environmental and real-life conditions
Ambient conditions
IP65
IP67
Degree of protection
IP68
Ambient temperature (operation)
-25 °C ... 90 °C (Plug / socket)
SAC-3P-10,0-547/M12FS BK - Sensor/actuator cable
1424924
https://www.phoenixcontact.com/us/products/1424924
Apr 17, 2024, 5:54 AM
Page 3 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com