Electronic Components Datasheet Search
  English  ▼

X  

1424924 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1424924
Description  SAC-3P-10,0-547/M12FS BK - Sensor/actuator cable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1424924 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1424924 Datasheet HTML 1Page - PHOENIX CONTACT 1424924 Datasheet HTML 2Page - PHOENIX CONTACT 1424924 Datasheet HTML 3Page - PHOENIX CONTACT 1424924 Datasheet HTML 4Page - PHOENIX CONTACT 1424924 Datasheet HTML 5Page - PHOENIX CONTACT 1424924 Datasheet HTML 6Page - PHOENIX CONTACT 1424924 Datasheet HTML 7Page - PHOENIX CONTACT 1424924 Datasheet HTML 8Page - PHOENIX CONTACT 1424924 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position, PVC, yellow, free cable end, on Socket straight M12, coding:
A, cable length: 10 m
Commercial data
Item number
1424924
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF13
Product key
BF1IFA
GTIN
4055626401966
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
US
SAC-3P-10,0-547/M12FS BK - Sensor/actuator cable
1424924
https://www.phoenixcontact.com/us/products/1424924
Apr 17, 2024, 5:54 AM
Page 1 (13)


Similar Part No. - 1424924

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424920 PHOENIX-1424920 Datasheet
525Kb / 14P
SAC-3P-M12MR/ 0,5-547/M12FR BK - Sensor/actuator cable
1424921 PHOENIX-1424921 Datasheet
431Kb / 13P
SAC-3P-M12MR/10,0-547 BK - Sensor/actuator cable
1424922 PHOENIX-1424922 Datasheet
431Kb / 13P
SAC-3P-M12MR/ 5,0-547 BK - Sensor/actuator cable
1424923 PHOENIX-1424923 Datasheet
429Kb / 13P
SAC-3P-M12MR/ 2,0-547 BK - Sensor/actuator cable
1424925 PHOENIX-1424925 Datasheet
422Kb / 13P
SAC-3P- 5,0-547/M12FS BK - Sensor/actuator cable
More results

Similar Description - 1424924

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417881 PHOENIX-1417881 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/10,0-542/ FS SCO BK
1417887 PHOENIX-1417887 Datasheet
106Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/10,0-542/FSSH SCO BK
1424958 PHOENIX-1424958 Datasheet
133Kb / 9P
Sensor/actuator cable - SAC-5P-10,0-547/FS SCO BK
09/11/2020
1425110 PHOENIX-1425110 Datasheet
127Kb / 9P
Sensor/actuator cable - SAC-3P-20,0-547/FS SCO BK
09/11/2020
1425111 PHOENIX-1425111 Datasheet
147Kb / 10P
Sensor/actuator cable - SAC-3P-MS/10,0-547/FS SCO BK
09/11/2020
1425113 PHOENIX-1425113 Datasheet
147Kb / 10P
Sensor/actuator cable - SAC-3P-MS/20,0-547/FS SCO BK
09/11/2020
1442502 PHOENIX-1442502 Datasheet
144Kb / 11P
Sensor/actuator cable - SAC-4P-10,0-PUR/M12FS P
09/11/2020
1454448 PHOENIX-1454448 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-5P-10,0-802/M12FS
09/11/2020
1520372 PHOENIX-1520372 Datasheet
155Kb / 11P
Sensor/actuator cable - SAC-8P-10,0-PUR/M12FS
09/11/2020
1683374 PHOENIX-1683374 Datasheet
134Kb / 10P
Sensor/actuator cable - SAC-5P-10,0-PUR/M12FS
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com