Electronic Components Datasheet Search
  English  ▼

X  

MAATCC0013 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAATCC0013
Description  Voltage Variable Attenuator 824 - 960 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATCC0013 Datasheet(HTML) 1 Page - Tyco Electronics

  MAATCC0013 Datasheet HTML 1Page - Tyco Electronics MAATCC0013 Datasheet HTML 2Page - Tyco Electronics MAATCC0013 Datasheet HTML 3Page - Tyco Electronics MAATCC0013 Datasheet HTML 4Page - Tyco Electronics MAATCC0013 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.&()) **))
#
$ %// 0-'&1./ *'' + ,%// 0-'&1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
0
*1 3
4
5
6(
7,
8
6
8
5
6
1'
9
8
+
: $ *1 6
0'';
$ 6
5
+
<=
>
*)'? 4
"
4 5:@
2
$)1 '''-
A
$
''0(
"
6 9
B
"
$
1
: $
,
( 1 2 "
"
$
$
''0(
=:
B
"
&*/
-)'
5C"
$
''0(
3
6
$
''0($4
0'''
$
''0( $3
:
$
3
9
%4
9
10(
C
9
%D
B
!
0
4+ 9!23
*
=9D
(
4+ E$!23
/
=9D
1
=9D
@4
5 C
: "
!7
E
D
*''* -1 7
=9D
4+ 9
4+
E$
0
*
23
8*
80
(
/
=9D
=9D
40
6 9 0
6 9 (
)
1
0
,
" !
')'
, '('
'&'
, '1'
* :
9
'1'0'''&
,
3
8
"
0
(-' +
D
3
*
(-' +
D
3
(
(-' +
3
/
(-' +
3
80
0&' 5
4+
8*
0&' 5
4+
40
0' F
8
1
*
0 1 +
4+ $
)
*
0 1 +
4+ $
#
$


Similar Part No. - MAATCC0013

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATCC0013 MA-COM-MAATCC0013 Datasheet
91Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
MAATCC0013 MA-COM-MAATCC0013 Datasheet
91Kb / 5P
Voltage Variable Attenuator
MAATCC0013 MA-COM-MAATCC0013 Datasheet
730Kb / 6P
Voltage Variable Attenuator
MAATCC0013-TB MA-COM-MAATCC0013-TB Datasheet
91Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
MAATCC0013-TB MA-COM-MAATCC0013-TB Datasheet
730Kb / 6P
Voltage Variable Attenuator
More results

Similar Description - MAATCC0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0008 MACOM-AT65-0008 Datasheet
262Kb / 5P
Voltage Variable Attenuator, 900 - 2500 MHz
AT65-0009 MACOM-AT65-0009 Datasheet
225Kb / 4P
Voltage Variable Attenuator 824 - 960 MHz
AT65-0009 MACOM-AT65-0009_1 Datasheet
395Kb / 4P
Voltage Attenuator,824 - 960 MHz
MAAV-007087-000100 MACOM-MAAV-007087-000100 Datasheet
220Kb / 4P
Voltage Variable Attenuator 900 - 2500 MHz
MAAV-007089-000100 MACOM-MAAV-007089-000100 Datasheet
214Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
Voltage Variable Attenuator 1700 - 2000 MHz
MAAV-007091-000100 MACOM-MAAV-007091-000100 Datasheet
251Kb / 5P
Voltage Variable Attenuator 1700 - 2200 MHz
MAAV-007092-000100 MACOM-MAAV-007092-000100 Datasheet
231Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAATCC0013 MA-COM-MAATCC0013 Datasheet
91Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
AT65-0009 MA-COM-AT65-0009 Datasheet
90Kb / 5P
Voltage Variable Attenuator 824 - 960 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com