Electronic Components Datasheet Search
  English  ▼

X  

MAATCC0013 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAATCC0013
Description  Voltage Variable Attenuator 824 - 960 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATCC0013 Datasheet(HTML) 4 Page - Tyco Electronics

  MAATCC0013 Datasheet HTML 1Page - Tyco Electronics MAATCC0013 Datasheet HTML 2Page - Tyco Electronics MAATCC0013 Datasheet HTML 3Page - Tyco Electronics MAATCC0013 Datasheet HTML 4Page - Tyco Electronics MAATCC0013 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.&()) **))
#
$ %// 0-'&1./ *'' + ,%// 0-'&1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
/
'
()
*
+
*
,
!
#
'
()
#
*
+
*
,
'
9
!
$%&
'
()
$%&
*
+
*
,
!
0'
01
* '
* 1
&*'
&11
&-'
-*1
-)'
:
*
$.
$2
8.
0'
0*
0/
0)
0&
* '
&*'
&/'
&)'
&&'
-''
-*'
-/'
-)'
0'
01
* '
* 1
&*'
&11
&-'
-*1
-)'
:
*
$.
$2
8.
0'
0*
0/
0)
0&
* '
&*'
&/'
&)'
&&'
-''
-*'
-/'
-)'
0'
01
* '
* 1
&*'
&11
&-'
-*1
-)'
:
*
$.
$2
8.
0'
0*
0/
0)
0&
* '
&*'
&/'
&)'
&&'
-''
-*'
-/'
-)'



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com