Electronic Components Datasheet Search
  English  ▼

X  

SB10150 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SB10150
Description  10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB10150 Datasheet(HTML) 3 Page - Won-Top Electronics

  SB10150 Datasheet HTML 1Page - Won-Top Electronics SB10150 Datasheet HTML 2Page - Won-Top Electronics SB10150 Datasheet HTML 3Page - Won-Top Electronics SB10150 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
3
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
SB10150 – SB10200
WON-TOP ELECTRONICS
®
Note: 1. Anti-static tube, water clear color.
BULK
SB10xx
= Device Number
xx
= 150 or 200
Polarity
= As Marked on Body
Plain Washer
Insulating Bushing
Rectifier
Insulator
Heatsink
Compression Washer
4-40 HEX Nut
Recommended isolated mounting when
screw is at heatsink potential. 4-40
hardware is used.
Screw should not be tightened with any
type of air-forced torque or equipment
that may cause high impact on device
package. The insulating bushing inside
the mounting hole will insure the screw
threads do not contact the metal base.
The interface should apply a layer of
thermal grease or a highly conductive
thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw
SB10xx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com