Electronic Components Datasheet Search
  English  ▼

X  

SB10150 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB10150
Description  10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB10150 Datasheet(HTML) 1 Page - Won-Top Electronics

  SB10150 Datasheet HTML 1Page - Won-Top Electronics SB10150 Datasheet HTML 2Page - Won-Top Electronics SB10150 Datasheet HTML 3Page - Won-Top Electronics SB10150 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
1
Pb
Features
Schottky Barrier Chip
B
Guard Ring for Transient Protection
Low Forward Voltage Drop
C
Low Power Loss, High Efficiency
High Surge Current Capability
G
A
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
PIN1
3
SMPS, Inverters and As Free Wheeling Diodes
D
Mechanical Data
F
E
Case: TO-220A, Molded Plastic
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
Polarity: See Diagram
I
Weight: 1.9 grams (approx.)
Mounting Position: Any
H
L
Mounting Torque: 0.6 N.m Max.
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1
J
PIN 3
Case
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
SB10150
SB10200
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
150
200
V
RMS Reverse Voltage
VR(RMS)
105
140
V
Average Rectified Output Current
@TC = 100°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 10A
VFM
0.92
V
Peak Reverse Current
@TJ = 25°C
At Rated DC Blocking Voltage
@TJ = 100°C
IRM
0.2
10
mA
Typical Junction Capacitance (Note 1)
CJ
200
pF
Thermal Resistance Junction to Ambient
Thermal Resistance Junction to Case
RθJA
RθJC
73
2.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SB10150 – SB10200
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
WON-TOP ELECTRONICS
®
TO-220A
Dim
Min
Max
A
13.90
15.90
B
9.80
10.70
C
2.54
3.43
D
3.56
4.56
E
12.70
14.73
F
0.51
0.96
G
3.55 Ø
4.09 Ø
H
5.75
6.85
I
4.16
5.00
J
2.03
2.92
K
0.30
0.65
L
1.14
1.40
P
4.83
5.33
All Dimensions in mm


Similar Part No. - SB10150

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB10150 WTE-SB10150 Datasheet
48Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB10150 PANJIT-SB10150 Datasheet
425Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB10150 PACELEADER-SB10150 Datasheet
289Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB10150 WTE-SB10150 Datasheet
76Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Sangdest Microelectroni...
SB10150 SMC-SB10150 Datasheet
174Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - SB10150

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1070CT DIODES-MBR1070CT Datasheet
64Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
47Kb / 4P
10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1070CT DIODES-MBR1070CT_1 Datasheet
73Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. 2 - 2
logo
Won-Top Electronics
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150 WTE-SB10150 Datasheet
48Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F Datasheet
49Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR10100CT TAK_CHEONG-TCMBR10100CT Datasheet
107Kb / 2P
10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Won-Top Electronics
SB10150 WTE-SB10150_08 Datasheet
76Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150CT WTE-SB10150CT_08 Datasheet
51Kb / 4P
10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F_08 Datasheet
67Kb / 4P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com