Electronic Components Datasheet Search
  English  ▼

X  

AH3 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AH3
Description  High Dynamic Range Gain Block
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH3 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AH3 Datasheet HTML 1Page - WJ Communication. Inc. AH3 Datasheet HTML 2Page - WJ Communication. Inc. AH3 Datasheet HTML 3Page - WJ Communication. Inc. AH3 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 4 April 2006
AH3
High Dynamic Range Gain Block
Product Information
The Communications Edge
TM
Typical Device Data
S-Parameters (VD = +5 V, ID = 150 mA, T = 25 °C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-11.93
-33.34
14.15
169.58
-19.95
7.77
-18.60
-126.62
100
-13.21
-28.09
13.95
170.57
-19.98
2.69
-20.54
-149.57
150
-13.51
-28.85
13.85
169.10
-19.86
0.25
-21.16
-160.72
200
-13.48
-32.18
13.83
167.34
-19.85
-1.46
-21.23
-167.36
250
-13.55
-36.10
13.81
164.90
-19.87
-3.41
-20.91
-170.48
300
-14.05
-44.73
13.78
162.57
-19.86
-4.62
-19.26
-177.22
350
-14.12
-48.60
13.75
160.01
-19.91
-5.48
-19.07
-175.89
400
-13.53
-55.70
13.70
157.51
-19.92
-7.31
-19.12
-178.33
450
-13.60
-61.16
13.69
155.04
-19.95
-7.85
-18.71
-179.04
500
-13.32
-65.93
13.65
152.52
-19.90
-10.12
-18.67
178.55
550
-13.11
-70.97
13.60
150.15
-19.85
-10.20
-18.46
178.78
600
-12.65
-75.78
13.52
147.48
-19.91
-11.07
-18.43
177.91
650
-12.43
-80.45
13.51
145.06
-19.89
-12.83
-18.29
177.33
700
-12.10
-84.62
13.46
142.56
-19.87
-12.67
-18.31
175.94
750
-11.79
-88.75
13.39
140.08
-19.82
-14.15
-18.29
176.28
800
-11.54
-93.43
13.33
137.61
-19.92
-14.94
-18.18
174.92
850
-11.28
-96.17
13.26
135.38
-19.84
-15.94
-18.26
173.97
900
-10.97
-100.66
13.21
132.61
-20.09
-16.96
-18.20
174.37
950
-10.69
-104.85
13.08
129.83
-20.09
-19.21
-18.35
175.02
1000
-10.53
-107.99
13.04
127.70
-19.92
-19.33
-17.83
174.09
Device S-parameters are available for download on the website at: http://www.wj.com
Gain
10
11
12
13
14
15
0
200
400
600
800
1000
Frequency (MHz)
Return Loss
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
Frequency (MHz)
S11
S22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com