Electronic Components Datasheet Search
  English  ▼

X  

AH3 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # AH3
Description  High Dynamic Range Gain Block
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH3 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  AH3 Datasheet HTML 1Page - WJ Communication. Inc. AH3 Datasheet HTML 2Page - WJ Communication. Inc. AH3 Datasheet HTML 3Page - WJ Communication. Inc. AH3 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 4 April 2006
AH3
High Dynamic Range Gain Block
Product Information
The Communications Edge
TM
Product Features
• 50 – 870 MHz
• +41 dBm OIP3
• 3 dB Noise Figure
• 13 dB Gain
• +20 dBm P1dB
• Lead-free/Green/RoHS-compliant
SOT-89 Package
• Single +5 V Supply
• MTTF > 100 years
Applications
• Mobile Infrastructure
• CATV / DBS
• RFID
• Mobile Wireless
Product Description
The AH3 is a high dynamic range amplifier in a low-cost
surface-mount package.
The combination of low noise
figure and high output IP3 at the same bias point makes it
ideal for receiver and transmitter applications. The device
combines dependable performance with superb quality to
maintain MTTF values exceeding 100 years at mounting
temperatures of +85
°C. The AH3 is available in the
environmentally-friendly lead-free/green/RoHS-compliant
SOT-89 package.
The broadband amplifier uses a high reliability GaAs
MESFET technology and is targeted for applications where
high linearity is required. In addition, the AH3 is internally
matched for 50 ohms.
Functional Diagram
RF IN
GND
RF OUT
GND
1
23
4
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
50
870
Test Frequency
MHz
800
Gain
dB
12
12.9
14
Input Return Loss
dB
10
Output Return Loss
dB
20
Output P1dB
dBm
+20
Output IP3
(2)
dBm
+37
+41
Noise Figure
(3)
dB
2.9
Operating Current Range
mA
120
150
180
Supply Voltage
V
5
1. Test conditions unless otherwise noted: T = 25 ºC, 50
Ω system.
2. 3OIP measured with two tones at an output power of +5 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Noise figure can be optimized by matching the input for optimal return loss.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +125
°C
Supply Voltage
+6 V
RF Input Power (continuous)
+10 dBm
Junction Temperature
+220
°C
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(4)
Parameter
Units
Typical
Frequency
MHz
50
450
800
S21
dB
13.2
13
12.5
S11
dB
-8.4
-16
-15
S22
dB
-18.7
-16
-15
Output P1dB
dBm
+20
+20
+20
Output IP3
(2)
dBm
+36
+40
+41
Noise Figure
dB
6
3.5
3.4
Supply Voltage
V
5
Device Current
mA
150
4. Parameters reflect performance in an AH3WB-PCB application circuit, as shown on page 3.
Ordering Information
Part No.
Description
AH3-G
High Dynamic Range Amplifier
(lead-free/green/RoHS-compliant SOT-89 package)
AH3WB-PCB
50 – 870 MHz Fully Assembled Application Circuit


Similar Part No. - AH3

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH3-G TRIQUINT-AH3-G Datasheet
506Kb / 7P
High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
High Dynamic Range Gain Block
logo
XP Power Limited
AH30 XPPOWER-AH30 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Rohm
AH3002-DC60A ROHM-AH3002-DC60A Datasheet
593Kb / 6P
For Packaging High-speed Printers AH Series
AH3004-DC50A ROHM-AH3004-DC50A Datasheet
559Kb / 6P
For Packaging High-speed Printers AH Series
More results

Similar Description - AH3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG101 ETC-AG101 Datasheet
179Kb / 7P
High Dynamic Range Gain Block
AM1 ETC-AM1 Datasheet
126Kb / 5P
High Dynamic Range Gain Block
logo
WJ Communication. Inc.
AG103 WJCI-AG103 Datasheet
167Kb / 5P
High Dynamic Range Gain Block
AG102 WJCI-AG102 Datasheet
399Kb / 6P
High Dynamic Range Gain Block
AM1 WJCI-AM1 Datasheet
404Kb / 6P
High Dynamic Range Gain Block
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
logo
WJ Communication. Inc.
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
High Dynamic Range Gain Block
AM1-G TRIQUINT-AM1-G_15 Datasheet
752Kb / 6P
High Dynamic Range Gain Block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com