Electronic Components Datasheet Search
  English  ▼

X  

PLHS501I Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PLHS501I
Description  Programmable macro logic PML
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLHS501I Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PLHS501I Datasheet HTML 2Page - NXP Semiconductors PLHS501I Datasheet HTML 3Page - NXP Semiconductors PLHS501I Datasheet HTML 4Page - NXP Semiconductors PLHS501I Datasheet HTML 5Page - NXP Semiconductors PLHS501I Datasheet HTML 6Page - NXP Semiconductors PLHS501I Datasheet HTML 7Page - NXP Semiconductors PLHS501I Datasheet HTML 8Page - NXP Semiconductors PLHS501I Datasheet HTML 9Page - NXP Semiconductors PLHS501I Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLHS501/PLHS501I
Programmable macro logic
PML
™
October 22, 1993
6
ABSOLUTE MAXIMUM RATINGS1
RATINGS
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage
+7
VDC
VIN
Input voltage
+5.5
VDC
VOUT
Output voltage
+5.5
VDC
IIN
Input currents
–30
+30
mA
IOUT
Output currents
+100
mA
Tamb
Operating temperature range
0
+75
°C
Tstg
Storage temperature range
–65
+150
°C
NOTE:
1. Stresses above those listed may cause malfunction or permanent damage to the device.
This is a stress rating only. Functional operation at these or any other condition above
those indicated in the operational and programming specification of the device is not
implied.
THERMAL RATINGS
TEMPERATURE
Maximum junction
150
°C
Maximum ambient
75
°C
Allowable thermal rise
ambient to junction
75
°C
VIRGIN STATE
A factory shipped virgin device contains all
fusible links open, such that:
1. All product terms are enabled.
2. All bidirectional (B) pins are outputs.
3. All outputs are enabled.
4. All outputs are Active-High except
B0 – B3 (fusible I/O) and O4 – O7 which
are Active-Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com