Electronic Components Datasheet Search
  English  ▼

X  

PLHS501I Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PLHS501I
Description  Programmable macro logic PML
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLHS501I Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PLHS501I Datasheet HTML 4Page - NXP Semiconductors PLHS501I Datasheet HTML 5Page - NXP Semiconductors PLHS501I Datasheet HTML 6Page - NXP Semiconductors PLHS501I Datasheet HTML 7Page - NXP Semiconductors PLHS501I Datasheet HTML 8Page - NXP Semiconductors PLHS501I Datasheet HTML 9Page - NXP Semiconductors PLHS501I Datasheet HTML 10Page - NXP Semiconductors PLHS501I Datasheet HTML 11Page - NXP Semiconductors PLHS501I Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLHS501/PLHS501I
Programmable macro logic
PML
™
October 22, 1993
11
PLHS501 GATE AND SPEED ESTIMATE TABLE
FUNCTION
INTERNAL NAND
EQUVALENT
TYPICAL tPD
fMAX
COMMENTS
Gates
NANDs
1
6.5ns
For 1 to 32 input variables
ANDs
1
6.5ns
For 1 to 32 input variables
NORs
1
6.5ns
For 1 to 32 input variables
ORs
1
6.5ns
For 1 to 32 input variables
Decoders
3-to-8
8
11ns
Inverted inputs available
4-to-16
16
11ns
Inverted inputs available
5-to-32
32
11ns
Inverted inputs available (24 chip outputs only)
Encoders
8-to-3
15
11ns
Inverted inputs, 2 logic levels
16-to-4
32
11ns
Inverted inputs, 2 logic levels
32-to-5
41
11ns
Inverted inputs, 2 logic levels, factored solution.
Multiplexers
4-to-1
5
11ns
Inverted inputs available
8-to-1
9
11ns
16-to-1
17
11ns
27-to-1
28
11ns
Can address only 27 external inputs - more if internal
Flip-Flops
D-type Flip-Flop
6
30MHz
With asynchronous S-R
T-type Flip-Flop
6
30MHz
With asynchronous S-R
J-K-type Flip-Flop
10
30MHz
With asynchronous S-R
Adders
8-bit
45
15.5ns
Full carry-lookahead (four levels of logic)
Barrel Shifters
8-bit
72
11ns
2 levels of logic
Latches
D-latch
3
2 levels of logic with one shared gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com