Electronic Components Datasheet Search
  English  ▼

X  

AP601 Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # AP601
Description  High Dynamic Range 1.8W 28V HBT Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP601 Datasheet(HTML) 5 Page - WJ Communication. Inc.

  AP601 Datasheet HTML 1Page - WJ Communication. Inc. AP601 Datasheet HTML 2Page - WJ Communication. Inc. AP601 Datasheet HTML 3Page - WJ Communication. Inc. AP601 Datasheet HTML 4Page - WJ Communication. Inc. AP601 Datasheet HTML 5Page - WJ Communication. Inc. AP601 Datasheet HTML 6Page - WJ Communication. Inc. AP601 Datasheet HTML 7Page - WJ Communication. Inc. AP601 Datasheet HTML 8Page - WJ Communication. Inc. AP601 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 10 May 2007 ver 1
AP601
High Dynamic Range 1.8W 28V HBT Amplifier
1930-1990 MHz Application Circuit (AP601-PCB1960)
Typical WCDMA Performance at 25
°C
at a channel power of +24 dBm
Frequency
1960 MHz
W-CDMA Channel Power
+24 dBm
Power Gain
15 dB
Input Return Loss
11 dB
Output Return Loss
10 dB
ACLR
-49 dBc
IMD3 @ +24 dBm PEP
-62 dBc
Operating Current, Icc
52 mA
Collector Efficiency
17 %
Output P1dB
+32.7 dBm
Quiescent Current, Icq
40 mA
Vpd, Vbias
+5 V
Vcc
+28 V
Notes:
1. The primary RF microstrip line is 50
Ω.
2. Components shown on the silkscreen but not on the schematic are not used.
3. The center of L3 is placed at 0.035” (3.0
° @ 1960 MHz) from the center of C5.
4. The center of C5 is placed at 0.085” (7.3
° @ 1960 MHz) from the edge of the AP601 (U1).
5. The center of C19 is placed at 0.755” (64.5
° @ 1960 MHz) from the edge of the AP601 (U1).
6. The center of C18 is placed at 0.300” (25.6
° @ 1960 MHz) from the center of C19.
7. The bold-faced RF trace is for the DC bias feed. The stub’s length is approximately a ¼ λ.
8. The main RF trace is cut at component location L3 for this particular reference design.
1930-1990 MHz Application Circuit Performance Plots
Gain vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 40 mA, 25 ˚C
11
12
13
14
15
16
23
25
27
29
31
33
Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz
S11, S22 vs. Frequency
Vcc = 28V, Icq = 40 mA, 25 ˚C
-25
-20
-15
-10
-5
0
1.8
1.85
1.9
1.95
2
2.05
2.1
Frequency (GHz)
S11
S22
Efficiency vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 40 mA, 25 ˚C
0
10
20
30
40
50
18
22
26
30
34
Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz
ACLR1 vs. Output Power vs. Frequency
Vcc = 28V, Icq = 40 mA, 25 ˚C
-65
-60
-55
-50
-45
-40
16
18
20
22
24
26
Average Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz
WCDMA 3GPP TM 1+64DPCH,
60% clipping, PAR = 8.6 dB
IMD vs. Output Power
CW 2-tone signal, 940 MHz, ∆f = 1 MHz, 28V, 40 mA Icq, 25 ˚C
-80
-70
-60
-50
-40
22
24
26
28
30
32
Output Power, PEP (dBm)
IMD3L
IMD3U
IMD5
ACPR vs. Output Power vs. Frequency
IS-95A, 9 Ch. Fwd, 1960 MHz, Vcc = 28V, Icq = 40 mA, 25 ˚C
-80
-70
-60
-50
-40
17
19
21
23
25
27
Average Output Power (dBm)
C5
2.2pF
See note 4
4.7 nH
See note 3
C19
2.4pF
See note 5
C28
0.8pF
See note 6
C7
1000pF
C27
0.1μF
W = .030”
L = .980”



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com