Electronic Components Datasheet Search
  English  ▼

X  

AP601 Datasheet(PDF) 8 Page - WJ Communication. Inc.

Part # AP601
Description  High Dynamic Range 1.8W 28V HBT Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP601 Datasheet(HTML) 8 Page - WJ Communication. Inc.

Back Button AP601 Datasheet HTML 2Page - WJ Communication. Inc. AP601 Datasheet HTML 3Page - WJ Communication. Inc. AP601 Datasheet HTML 4Page - WJ Communication. Inc. AP601 Datasheet HTML 5Page - WJ Communication. Inc. AP601 Datasheet HTML 6Page - WJ Communication. Inc. AP601 Datasheet HTML 7Page - WJ Communication. Inc. AP601 Datasheet HTML 8Page - WJ Communication. Inc. AP601 Datasheet HTML 9Page - WJ Communication. Inc. AP601 Datasheet HTML 10Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 8 of 10 May 2007 ver 1
AP601
High Dynamic Range 1.8W 28V HBT Amplifier
2110-2170 MHz Application Note: Changing Icq Biasing Configurations
The AP601 can be configured to operate with lower bias current by varying the bias-adjust resistor – R2. The recommended
circuit configurations shown previously in this datasheet have the device operating with a 40 mA as the quiescent current (ICQ).
This biasing level represents the best tradeoff in terms of linearity and efficiency. Lowering ICQ will improve upon the
efficiency of the device, but degraded linearity. Increasing ICQ has nominal improvement upon the linearity, but will degrade
the device’s efficiency. Measured data shown in the plots below represents the AP601 measured and configured for 2.14 GHz
applications. It is expected that variation of the bias current for other frequency applications will produce similar performance
results.
Icq
(mA)
R2
(Ω)
VPD
(V)
PIN_VPD
(V)
10
12k
5
2.50
20
5.44k
5
2.58
30
3.48k
5
2.63
40
2.61k
5
2.68
50
2.06k
5
2.72
60
1.67k
5
2.77
70
1.42k
5
2.81
80
1.22k
5
2.85
Thermal Rise vs. Output Power vs. Icq
Vcc = 28V
0
20
40
60
80
14
16
18
20
22
24
26
Output Power (dBm)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA
C19
1.8pF
C5
2.4pF
C22
1.2pF
C7
1000pF
3,3pF
ACLR1 vs. Output Power vs. Icq
WCDMA, Vcc = 28V, 2140 MHz, 25 ˚C
-60
-50
-40
-30
18
20
22
24
26
Average Output Power (dBm)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA
Efficiency vs. Output Power vs. Icq
WCDMA, Vcc = 28V, 2140 MHz, 25 ˚C
0
20
40
60
80
100
120
18
20
22
24
26
Average Output Power (dBm)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA
Efficiency vs. Output Power vs. Icq
WCDMA, Vcc = 28V, 2140 MHz, 25 ˚C
0
5
10
15
20
25
30
18
20
22
24
26
Average Output Power (dBm)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA
Gain vs. Output Power vs. Icq
CW tone, Vcc = 28V, 2140 MHz, 25 ˚C
10
11
12
13
14
15
18
22
26
30
34
Output Power (dBm)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA
Output Power vs. Input Power vs. Icq
CW tone, Vcc = 28V, 2140 MHz, 25 ˚C
18
22
26
30
34
4
8
12
16
20
Input Power (dBm)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA
Efficiency vs. Output Power vs. Icq
CW tone, Vcc = 28V, 2140 MHz, 25 ˚C
0
10
20
30
40
50
60
18
22
26
30
34
Output Power (dBm)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com