Electronic Components Datasheet Search
  English  ▼

X  

MASW4060G Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASW4060G
Description  GaAs SP4T Switch DC - 4.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW4060G Datasheet(HTML) 1 Page - Tyco Electronics

  MASW4060G Datasheet HTML 1Page - Tyco Electronics MASW4060G Datasheet HTML 2Page - Tyco Electronics MASW4060G Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SP4T Switch
DC - 4.0 GHz
MASW4060G
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
RoHS
Compliant
Features
• Low Insertion Loss, 1.2 dB Typical
• Fast Switching Speed, 4 nS Typical
• Ultra Low DC Power Consumption
• Terminated Option
• RoHS* Compliant
Description
M/A/COM’s MASW4060G is an SPDT absorptive or
reflective GaAs MESFET MMIC. This part combines
small
size,
low
insertion
loss
and
power
consumption with high isolation. Ideal for many
applications and module use. It will function well for
designs below 4.0 GHz.
The MASW4060G is fabricated using a mature 1-
micron gate length GaAs MESFET process.
The
process features full chip passivation for increased
performance and reliability.
Ordering Information
Part Number
Package
MASW4060G
DIE
1
Bond Pad Dimensions
Pad Layout
Parameter
Absolute Maximum
Control Value (A or B)
-8.5 Vdc
Storage Temperature
-65°C to +175°C
Max Operating Temperature
+175°C
Max Input RF Power
+34 dBm
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
RF
0.005 x 0.005 (0.125 x 0.125)
RF1, RF2, RF3, RF4
0.004 x 0.004 (0.100 x 0.100)
A1, A2, A3, A4
0.004 x 0.004 (0.100 x 0.100)
B1, B2, B3, B4
0.004 x 0.004 (0.100 x 0.100)
Bond Pad
Dimensions - Inches
(mm)
G1, G2, G3, G4
4
0.008 x 0.004 (0.200 x 0.100)
T1, T2, T3, T4
5
0.006 x 0.005 (0.150 x 0.125)
Die Size - Inches (mm)
0.076 x 0.058 x 0.010 (1.920 x 1.470 x 0.25)
Schematic
4. “G” pads designate internal grounds necessary to maintain
data sheet isolation. These are not DC blocked and would
need to be blocked if positive control voltage is required.
5. “T” pads denote a 50 W termination path connected to each
RFx port. If bonded to ground, it will cause the related port to
be absorbative, or matched, in the isolated condition. As
described in note 3, these pads are also not DC blocked.
1. Die quantity varies.
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
Absolute Maximum Rating
2,3


Similar Part No. - MASW4060G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch
MASW4060G MA-COM-MASW4060G_15 Datasheet
517Kb / 4P
GaAs SP4T Switch DC - 4.0 GHz
More results

Similar Description - MASW4060G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC244G16 HITTITE-HMC244G16 Datasheet
218Kb / 4P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC241LP3 HITTITE-HMC241LP3 Datasheet
276Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Tyco Electronics
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
Hittite Microwave Corpo...
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Hexawave, Inc
HWS451 HW-HWS451 Datasheet
126Kb / 2P
GaAs DC-6 GHz SP4T Switch
logo
M/A-COM Technology Solu...
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
MASW4030G MA-COM-MASW4030G_15 Datasheet
488Kb / 5P
GaAs SPDT Switch DC - 4.0 GHz
MASW4060G MA-COM-MASW4060G_15 Datasheet
517Kb / 4P
GaAs SP4T Switch DC - 4.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com