Electronic Components Datasheet Search
  English  ▼

X  

MASW4060G Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASW4060G
Description  GaAs SP4T Switch DC - 4.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW4060G Datasheet(HTML) 3 Page - Tyco Electronics

  MASW4060G Datasheet HTML 1Page - Tyco Electronics MASW4060G Datasheet HTML 2Page - Tyco Electronics MASW4060G Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs SP4T Switch
DC - 4.0 GHz
MASW4060G
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
3
RoHS
Compliant
Typical Performance @ 25°C
Handling Precautions
Permanent damage to the MASW4060 may occur
if the following precautions are not adhered to:
A. Cleanliness - The MASW4060 should be
handled in a clean environment.
DO NOT
attempt to clean unit after MASW4060 is
installed.
B. Static Sensitivity - All chip handling equipment
and personnel should be DC grounded.
C. Transient - Avoid instrument and power supply
transients
while
bias
is
applied
to
the
MASW4060.
Use shielded signal and bias
cables to minimize inductive pick-up.
D. Bias - Apply voltage to either control port V1 or
V2 only when the other is grounded. No port
should be allowed to “float.”
E. General Handling - It is recommended that the
MASW4060 chip be handled along the long
side of the die with a sharp pair of bent
tweezers.
DO NOT touch the surface of the
chip with fingers or tweezers.
01
234
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
35
40
45
50
55
60
65
012
34
Frequency (GHz)
Mounting
The MASW4060 is back-metallized with Pd/Ni/Au
(100/1,000/10,000Å) metallization.
It can be die-
mounted with AuSn eutectic performs or with ther-
mally conductive epoxy.
The package surface
should be clean and flat before attachment.
Eutectic Die Attach:
A. A 80/20 gold/tin perform is recommended with
a work surface temperature or approximately
225°C and a tool temperature of 265°C. When
hot 90/10 nitrogen/hydrogen gas is applied,
tool tip temperature should be approximately
290°C.
B. DO NOT expose the MASW4060 to a tempera-
ture greater than 320°C for more than 20 sec-
onds. No more than 3 seconds of scrubbing
should be required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place
the MASW4060 into position. A thin epoxy fillet
should be visible around the perimeter of the
chip.
B. Cure epoxy per manufacturer’s recommended
schedule.
C. Electrically conductive epoxy may be used but
is not required.
1.0
1.1
1.2
1.3
1.4
0123
4
Frequency (GHz)
Insertion Loss
Isolation
VSWR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com