Electronic Components Datasheet Search
  English  ▼

X  

MASW-005100 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASW-005100
Description  Monolithic PIN SP5T Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-005100 Datasheet(HTML) 1 Page - Tyco Electronics

  MASW-005100 Datasheet HTML 1Page - Tyco Electronics MASW-005100 Datasheet HTML 2Page - Tyco Electronics MASW-005100 Datasheet HTML 3Page - Tyco Electronics MASW-005100 Datasheet HTML 4Page - Tyco Electronics MASW-005100 Datasheet HTML 5Page - Tyco Electronics MASW-005100 Datasheet HTML 6Page - Tyco Electronics MASW-005100 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Monolithic PIN SP5T Diode Switch
MASW-005100-1194
Rev 1
FEATURES
• Ultra Broad Bandwidth: 50MHz to 26GHz
• 1.0 dB Insertion Loss
• 30 dB Isolation at 20GHz
• Reliable.
• Fully Monolithic
• Glass Encapsulated Construction
DESCRIPTION
The MASW-005100-1194 is a SP5T Series-Shunt
broad band switch made with M/A-COM’s HMIC
TM
(Heterolithic Microwave Integrated Circuit) process,
US Patent 5,268,310. This process allows the
incorporation of silicon pedestals that form series and
shunt diodes or vias by imbedding them in a low loss,
low dispersion glass. This hybrid combination of
Silicon and Glass gives HMIC Switches exceptional
low loss and remarkable high isolation through low
millimeter-wave frequencies.
APPLICATIONS
These high performance switches are suitable for the
use in multi-band ECM, Radar, and instrumentation
control circuits where high isolation to insertion loss
ratios are required. With a standard +5 V/-5 V, TTL
controlled PIN diode driver, 50ns switching speeds are
achieved.
ABSOLUTE MAXIMUM RATINGS
TAMB = +25°C ( Unless otherwise specified )
PARAMETER
VALUE
OPERATING TEMPERATURE
- 65°C to +150°C
STORAGE TEMPERATURE
- 65°C to +175°C
RF C.W. INCIDENT POWER
(± 20 mA )
+33dBm
BIAS CURRENT
( FORWARD )
± 20mA
APPLIED VOLTAGE
( REVERSE )
- 25V
Note:
Exceeding any of these values may result in permanent
damage.
Maximum operating conditions for combination of
RF power, D.C. bias and temperature: +30dBm C.W.,
15mA per diode @+85°C
1


Similar Part No. - MASW-005100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
558Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC??SP5T Silicon PIN Diode Switch
MASW-005100-11940G MA-COM-MASW-005100-11940G Datasheet
558Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-005100-11940G MA-COM-MASW-005100-11940G Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
More results

Similar Description - MASW-005100

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0345 DAICO-DS0345 Datasheet
25Kb / 1P
PIN DIODE SP5T
100C1285 DAICO-100C1285 Datasheet
27Kb / 1P
PIN Diode SP5T
logo
Tyco Electronics
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
AlGaAs SP5T Reflective PIN Diode Switch
MA4SW510 MACOM-MA4SW510 Datasheet
216Kb / 5P
SP5T PIN Diode Reflective Switch
logo
M/A-COM Technology Solu...
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
SP5T AlGaAs PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_2 Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC??SP5T Silicon PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch
MA4SW510 MA-COM-MA4SW510_15 Datasheet
474Kb / 7P
HMIC Silicon SP5T PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_14 Datasheet
1Mb / 6P
HMIC Silicon SP5T PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com