Electronic Components Datasheet Search
  English  ▼

X  

MASW-005100 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MASW-005100
Description  Monolithic PIN SP5T Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-005100 Datasheet(HTML) 5 Page - Tyco Electronics

  MASW-005100 Datasheet HTML 1Page - Tyco Electronics MASW-005100 Datasheet HTML 2Page - Tyco Electronics MASW-005100 Datasheet HTML 3Page - Tyco Electronics MASW-005100 Datasheet HTML 4Page - Tyco Electronics MASW-005100 Datasheet HTML 5Page - Tyco Electronics MASW-005100 Datasheet HTML 6Page - Tyco Electronics MASW-005100 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SP5T Monolithic Pin Diode Switch
MASW-005100-1194
Rev 1
5
ASSEMBLY INSTRUCTIONS
Cleanliness
These chips should be handled in a clean environment free of organic contamination.
Electro-Static Sensitivity
The MASW-00 Series PIN switches are ESD, Class 1A sensitive (HBM). The proper ESD handling
procedures must be used.
Wire Bonding
Thermosonic wedge wire bonding using 0.003” x 0.00025” ribbon or 0.001” diameter gold wire is
recommended. A stage temperature of 150°C and a force of 18 to 22 grams should be used.
Ultrasonic energy should be adjusted to the minimum required. RF bonds should be kept as short as
possible to minimize inductance.
Mounting
These chips have Ti-Pt-Au back metal. They can be die mounted with a 80Au/20Sn or electrically
conductive Ag epoxy. Mounting surface must be flat and clean of oils and contaminants.
Eu Eutectic Die Attachment
An 80/20 gold-tin eutectic solder preform is recommended with a work surface temperature of 255°C
and a tool tip temperature of 265°C. When hot gas is applied, the tool tip temperature should be
290°C. The chip should not be exposed to temperatures greater than 320°C for more than 10
seconds. No more than three seconds should be required for the die attachment.
Epoxy Die Attachment
Assembly should be preheated to 125°C-150°C. A Controlled thickness of 2 mils is recommended for
best electrical and thermal conductivity. A thin epoxy fillet should be visible around the perimeter of the
chip after placement to ensure complete coverage. Cure epoxy per manufacturer’s recommended
schedule.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com