Electronic Components Datasheet Search
  English  ▼

X  

1406286 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1406286
Description  SAC-3P-M8MR/ 1,5-542/M12FS BK - Sensor/actuator cable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406286 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1406286 Datasheet HTML 1Page - PHOENIX CONTACT 1406286 Datasheet HTML 2Page - PHOENIX CONTACT 1406286 Datasheet HTML 3Page - PHOENIX CONTACT 1406286 Datasheet HTML 4Page - PHOENIX CONTACT 1406286 Datasheet HTML 5Page - PHOENIX CONTACT 1406286 Datasheet HTML 6Page - PHOENIX CONTACT 1406286 Datasheet HTML 7Page - PHOENIX CONTACT 1406286 Datasheet HTML 8Page - PHOENIX CONTACT 1406286 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position, PVC, yellow, Plug angled M8, on Socket straight M12, cable
length: 1.5 m
Commercial data
Item number
1406286
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF13
Product key
BF1ICA
GTIN
4046356797665
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
US
SAC-3P-M8MR/ 1,5-542/M12FS BK - Sensor/actuator
cable
1406286
https://www.phoenixcontact.com/us/products/1406286
Apr 17, 2024, 5:57 AM
Page 1 (15)


Similar Part No. - 1406286

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1406280 PHOENIX-1406280 Datasheet
437Kb / 11P
SAC-3P-M8MS/ 5,0-542 BK - Sensor/actuator cable
1406281 PHOENIX-1406281 Datasheet
437Kb / 11P
SAC-3P-M8MS/ 2,0-542 BK - Sensor/actuator cable
1406282 PHOENIX-1406282 Datasheet
550Kb / 12P
SAC-3P-M8MR/1,5-542/M8 FS BK - Sensor/actuator cable
1406283 PHOENIX-1406283 Datasheet
551Kb / 12P
SAC-3P-M8MR/ 0,5-542/M8 FS BK - Sensor/actuator cable
1406284 PHOENIX-1406284 Datasheet
590Kb / 13P
SAC-3P-M8MR/ 1,5-542/M8 FR BK - Sensor/actuator cable
More results

Similar Description - 1406286

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417881 PHOENIX-1417881 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/10,0-542/ FS SCO BK
1417927 PHOENIX-1417927 Datasheet
99Kb / 5P
Sensor/Actuator cable - SAC-3P-15,0-542/ FR SCO BK
1417928 PHOENIX-1417928 Datasheet
99Kb / 5P
Sensor/Actuator cable - SAC-3P-20,0-542/ FR SCO BK
1417956 PHOENIX-1417956 Datasheet
97Kb / 5P
Sensor/Actuator cable - SAC-3P- 15,0-542/ FS SCO BK
1417957 PHOENIX-1417957 Datasheet
97Kb / 5P
Sensor/Actuator cable - SAC-3P- 20,0-542/ FS SCO BK
1417962 PHOENIX-1417962 Datasheet
98Kb / 5P
Sensor/Actuator cable - SAC-3P- 20,0-542/ FS SH SCO BK
1406207 PHOENIX-1406207 Datasheet
175Kb / 12P
Sensor/actuator cable - SAC-4P-M8MR/ 0,5-542/M8 FR BK
09/11/2020
1456792 PHOENIX-1456792 Datasheet
137Kb / 10P
Sensor/actuator cable - SAC-3P-M12MS/ 1,5-800/M12FS
09/11/2020
1668072 PHOENIX-1668072 Datasheet
133Kb / 10P
Sensor/actuator cable - SAC-3P- 1,5-PUR/M12FS B
09/11/2020
1150038 PHOENIX-1150038 Datasheet
560Kb / 13P
SAC-4P-M12MS/ 2,0-542/M12FS BK - Sensor/actuator cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com