Electronic Components Datasheet Search
  English  ▼

X  

1406286 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 1406286
Description  SAC-3P-M8MR/ 1,5-542/M12FS BK - Sensor/actuator cable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406286 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 1406286 Datasheet HTML 7Page - PHOENIX CONTACT 1406286 Datasheet HTML 8Page - PHOENIX CONTACT 1406286 Datasheet HTML 9Page - PHOENIX CONTACT 1406286 Datasheet HTML 10Page - PHOENIX CONTACT 1406286 Datasheet HTML 11Page - PHOENIX CONTACT 1406286 Datasheet HTML 12Page - PHOENIX CONTACT 1406286 Datasheet HTML 13Page - PHOENIX CONTACT 1406286 Datasheet HTML 14Page - PHOENIX CONTACT 1406286 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SAC-M12-EXCLIP-F - Locking clip
1558991
https://www.phoenixcontact.com/us/products/1558991
Locking clip for the socket side of sensor/actuator cables with M12 connector
and M12 connectors for assembly, for knurl diameter: 15 mm or for Allen key
with a wrench size of 14 mm, prevents the disconnection of plug-in connections
without tools
TSD 02 SAC - Torque screwdriver
1208487
https://www.phoenixcontact.com/us/products/1208487
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for
M8 connectors
SAC-3P-M8MR/ 1,5-542/M12FS BK - Sensor/actuator
cable
1406286
https://www.phoenixcontact.com/us/products/1406286
Apr 17, 2024, 5:57 AM
Page 12 (15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com