Electronic Components Datasheet Search
  English  ▼

X  

MASWCC0006 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWCC0006
Description  GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWCC0006 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWCC0006 Datasheet HTML 1Page - Tyco Electronics MASWCC0006 Datasheet HTML 2Page - Tyco Electronics MASWCC0006 Datasheet HTML 3Page - Tyco Electronics MASWCC0006 Datasheet HTML 4Page - Tyco Electronics MASWCC0006 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
! "
#
$
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
% &
(
6
9
$
. /
6
: 2
$
. /
,
9
' '1 456
' 1 / ' 456
00
K*. ;
K(/ ;
2
.
' 12 N2
NK) '2
2
&
' 12 N2
NK. '2
2DD
&
& 12 N2DD NK' 12
2
2DD
&
' 12 N2
2DD N0/ 12
2
0*
' 12 N2
N2
K ' 12
$
/'O
K&1O
7
$
)1O
K0*1O
-
D,
"
0'
"
00
B
<+
!
"
,
K(' ;
0*
7
7 $$8
!
4
$
9
"
%
%
%
; ,
4
D73
"
"
9
D73
E
"
',
$
;
' '
' 1
0'
01
* '
* 1
( '
'
0'''
*'''
('''
/'''
+
,7. 4<8
= >)*
? "2 *
= )*
'
01
('
/1
)'
.1
-'
'
0'''
*'''
('''
/'''
+
,7. 4<8
6
? 6
6
? 6
0''
0*'
0/'
0)'
0&'
* ''
'
0'''
*'''
('''
/'''
+
,7. 4<8
6
- '
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com