Electronic Components Datasheet Search
  English  ▼

X  

MASWCC0006 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MASWCC0006
Description  GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWCC0006 Datasheet(HTML) 4 Page - Tyco Electronics

  MASWCC0006 Datasheet HTML 1Page - Tyco Electronics MASWCC0006 Datasheet HTML 2Page - Tyco Electronics MASWCC0006 Datasheet HTML 3Page - Tyco Electronics MASWCC0006 Datasheet HTML 4Page - Tyco Electronics MASWCC0006 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
! "
#
$
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
% &
/
',
$
;
!
0''
0*'
0/'
0)'
0&'
* ''
'
0'''
*'''
('''
/'''
+
,7. 4<8
6
- '
"#
$$
01
*'
*1
('
(1
/'
/1
'
1''
0'''
01''
*'''
+
,
00
1
56 "
E
! ,
0'
56
!
00
56 ;
K1 ;
$%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com