Electronic Components Datasheet Search
  English  ▼

X  

IRF7343 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7343
Description  Dual N P Channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7343 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7343 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
l
Generation V Technology
l
Ultra Low On-Resistance
l
Surface Mount
l
Fully Avalanche Rated
Description
D1
N-CHANNEL MOSFET
P-CHANNEL MOSFET
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
Max.
N-Channel
P-Channel
Units
VDS
Drain-Source Voltage
55
-55
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
4.7
-3.4
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
3.8
-2.7
IDM
Pulsed Drain Current 
38
-27
PD@TA = 25°C
Maximum Power Dissipation
…
2.0
W
PD@TA = 70°C
Maximum Power Dissipation
…
1.3
W
EAS
Single Pulse Avalanche Energyƒ
72
114
mJ
IAR
Avalanche Current
4.7
-3.4
A
EAR
Repetitive Avalanche Energy
0.20
mJ
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
A
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
…
62.5
°C/W
Thermal Resistance
l
Lead-Free
IRF7343
Rev:2023A2
1
l VDS (V)=55V
l
RDS(ON)
50m
(VGS = 10V)
Features
l
RDS(ON)
65 m
(VGS = 4.5V)
l VDS (V)=-55V
l
RDS(ON)
90m
(VGS = 10V)
l
RDS(ON)
100m
(VGS = 4.5V)
The SOP-8 has been modified through a customized
leadirame for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. with these improvements. mutipe
devices can be used in an appication with
dramatically reduced board space. The package is
designed for vapor phase, infra red, or wave
soldering techniques.
Dual N + P Channel MOSFET
N-Ch:
P-Ch:


Similar Part No. - IRF7343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7343 IRF-IRF7343 Datasheet
143Kb / 10P
HEXFET Power MOSFET
IRF7343IPBF IRF-IRF7343IPBF Datasheet
210Kb / 10P
HEXFET Power MOSFET
IRF7343PBF IRF-IRF7343PBF Datasheet
219Kb / 10P
HEXFET Power MOSFET
IRF7343PBF IRF-IRF7343PBF Datasheet
225Kb / 10P
DUAL N AND P CHANNEL MOSFET
IRF7343PBF IRF-IRF7343PBF_15 Datasheet
225Kb / 10P
DUAL N AND P CHANNEL MOSFET
More results

Similar Description - IRF7343

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
Dual N & P-Channel PowerTrench MOSFET
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
Dual N & P-Channel PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AO4613 AOSMD-AO4613_10 Datasheet
219Kb / 7P
30V Dual P N-Channel MOSFET
logo
International Rectifier
IRF5851TRPBF IRF-IRF5851TRPBF Datasheet
255Kb / 14P
Dual N and P Channel MOSFET
logo
Fairchild Semiconductor
FQG4902TU FAIRCHILD-FQG4902TU Datasheet
1Mb / 12P
250V Dual N & P-Channel MOSFET
logo
Guangdong Youtai Semico...
IRF7309TR UMW-IRF7309TR Datasheet
2Mb / 11P
Dual N P Channel MOSFET
IRF7319TR UMW-IRF7319TR Datasheet
430Kb / 10P
Dual N P Channel MOSFET
IRF7389TR UMW-IRF7389TR Datasheet
443Kb / 10P
Dual N P Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com