Electronic Components Datasheet Search
  English  ▼

X  

IRF7343 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7343
Description  Dual N P Channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7343 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7343 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7343 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
… Surface mounted on FR-4 board, t ≤ 10sec.
Parameter
Min. Typ. Max. Units
Conditions
N-Ch 55
VGS = 0V, ID = 250µA
P-Ch -55
VGS = 0V, ID = -250µA
N-Ch
0.059
Reference to 25°C, ID = 1mA
P-Ch
0.054
Reference to 25°C, ID = -1mA
43
50
VGS = 10V, ID = 4.7A „
56
65
VGS = 4.5V, ID = 3.8A „
70
90
V GS= -10V, I D= -3.4A „
95 100
VGS = -4.5V, ID = -2.7A „
N-Ch 1.0
VDS = VGS, ID = 250µA
P-Ch -1.0
VDS = VGS, ID = -250µA
N-Ch 7.9
VDS = 10V, ID = 4.5A „
P-Ch 3.3
VDS = -10V, ID = -3.1A
„
N-Ch
2.0
VDS = 55V, VGS = 0V
P-Ch
-2.0
VDS = -55V, VGS = 0V
N-Ch
25
VDS = 55V, VGS = 0V, TJ = 55°C
P-Ch
-25
VDS = -55V, VGS = 0V, TJ = 55°C
IGSS
Gate-to-SourceForwardLeakage
N-P
±100
VGS = ±20V
N-Ch
24
36
P-Ch
26
38
N-Ch
7.0
10
P-Ch
8. 4
13
N-Ch
8.3
12
P-Ch
14
22
P-Ch
10
15
N-Ch
32
48
P-Ch
43
64
N-Ch
13
20
P-Ch
22
32
N-Ch
740
P-Ch
690
N-Ch
190
210
pF
P-Ch
N-Ch
71
P-Ch
86
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
V
V/°C
Ω
V
S
µA
nC
ns
N-Channel
ID = 4.5A, VDS = 44V, VGS = 10V
„
P-Channel
ID = -3.1A, VDS = -44V, VGS = -10V
N-Channel
VDD = 28V, ID = 1.0A, RG = 6.0Ω,
RD = 16Ω
„
P-Channel
VDD = -28V, ID = -1.0A, RG = 6.0Ω,
RD = 16Ω
N-Channel
VGS = 0V, VDS = 25V, ƒ = 1.0MHz
P-Channel
VGS = 0V, VDS = -25V, ƒ = 1.0MHz
N-Ch
P-Ch
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
2.0
P-Ch
-2.0
N-Ch
38
P-Ch
-27
N-Ch
0.70 1.2
TJ = 25°C, IS = 2.0A, VGS = 0V ƒ
P-Ch
-0.80 -1.2
TJ= 25°C, IS = -2.0A, VGS = 0V ƒ
N-Ch
60
90
P-Ch
54
80
N-Ch
120 170
P-Ch
85
130
Source-Drain Ratings and Characteristics
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode) 
VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF =2.0A, di/dt = 100A/µs
P-Channel
„
TJ = 25°C, IF = -2.0A, di/dt = 100A/µs
‚ N-Channel ISD ≤ 4.7A, di/dt ≤ 220A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
P-Channel ISD ≤ -3.4A, di/dt ≤ -150A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 22 )
Notes:
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
ƒ N-Channel Starting TJ= 25°C, L = 6.5mH RG = 25Ω, IAS = 4.7A.
P-Channel
Starting TJ = 25°C, L = 20mH RG = 25Ω, IAS = -3.4A.
nA
Rev:2023A2
2
m
N-Ch
2.3
3.4
P-Ch
3.0
4.5
P-Ch
10
15
IRF7343
Dual N + P Channel MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com