Electronic Components Datasheet Search
  English  ▼

X  

PLVA650 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PLVA650
Description  Low-voltage avalanche regulator diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLVA650 Datasheet(HTML) 4 Page - NXP Semiconductors

  PLVA650 Datasheet HTML 1Page - NXP Semiconductors PLVA650 Datasheet HTML 2Page - NXP Semiconductors PLVA650 Datasheet HTML 3Page - NXP Semiconductors PLVA650 Datasheet HTML 4Page - NXP Semiconductors PLVA650 Datasheet HTML 5Page - NXP Semiconductors PLVA650 Datasheet HTML 6Page - NXP Semiconductors PLVA650 Datasheet HTML 7Page - NXP Semiconductors PLVA650 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 May 25
4
Philips Semiconductors
Product specification
Low-voltage avalanche regulator diodes
PLVA600A series
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed circuit-board.
IR
reverse current
VR = 50% VZ nominal
PLVA650A
−
34
−
nA
PLVA653A
−
22
−
nA
PLVA656A
−
1.1
−
nA
PLVA659A
−
0.9
−
nA
PLVA662A
−
0.9
−
nA
PLVA665A
−
0.9
−
nA
PLVA668A
−
0.8
−
nA
IR
reverse current
VR = 90% VZ nominal
PLVA650A
−
21
−µA
PLVA653A
−
3.5
−µA
PLVA656A
−
1.3
−µA
PLVA659A
−
1.0
−µA
PLVA662A
−
0.05
−µA
PLVA665A
−
0.04
−µA
PLVA668A
−
0.006
−µA
∆V
Z
line regulation
PLVA659A to PLVA668A
ILO =10 µA; IHi =1mA
−−
0.1
V
PLVA656A
ILO =50 µA; IHi =1mA
−−
0.1
V
PLVA650A
ILO = 100 µA; IHi =1mA
−−
0.4
V
PLVA653A
ILO = 100 µA; IHi =1mA
−−
0.2
V
Vn
noise voltage density
f = 1 kHz; B = 1 kHz; IZ = 250 µA
−−
1.0
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
330
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
µV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com