Electronic Components Datasheet Search
  English  ▼

X  

1453287 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1453287
Description  SAC-2P-MS/1,5-PUR/ZC-1L-S SCO - Sensor/actuator cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1453287 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1453287 Datasheet HTML 1Page - PHOENIX CONTACT 1453287 Datasheet HTML 2Page - PHOENIX CONTACT 1453287 Datasheet HTML 3Page - PHOENIX CONTACT 1453287 Datasheet HTML 4Page - PHOENIX CONTACT 1453287 Datasheet HTML 5Page - PHOENIX CONTACT 1453287 Datasheet HTML 6Page - PHOENIX CONTACT 1453287 Datasheet HTML 7Page - PHOENIX CONTACT 1453287 Datasheet HTML 8Page - PHOENIX CONTACT 1453287 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 2-position, PUR, gray RAL 7001, Plug straight M12 SPEEDCON, coding:
A, with 1 LED, on Valve connector Festo ZC, with 1 LED, Wiring: Protective circuit and holding
current reduction, cable length: 1.5 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Save time, thanks to installation with SPEEDCON fast locking system
•
Connecting cable specially for Festo KMYZ9 type valves
•
Commercial data
Item number
1453287
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
NULL
Product key
BF1DWA
GTIN
4046356550994
Weight per piece (including packing)
28.8 g
Weight per piece (excluding packing)
28 g
Customs tariff number
85444290
Country of origin
PL
SAC-2P-MS/1,5-PUR/ZC-1L-S SCO - Sensor/actuator
cable
1453287
https://www.phoenixcontact.com/us/products/1453287
Apr 19, 2024, 5:35 AM
Page 1 (16)


Similar Part No. - 1453287

ManufacturerPart #DatasheetDescription
logo
Heyco.
14532 HEYCO-14532 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
PHOENIX CONTACT
1453216 PHOENIX-1453216 Datasheet
118Kb / 8P
Connector hood - SACB-C-H180-8/16-10,0PUR SCO P
1453229 PHOENIX-1453229 Datasheet
90Kb / 9P
Connector hood - SACB-C-H180-8/16 SCO P
1453261 PHOENIX-1453261 Datasheet
527Kb / 16P
SAC-2P-MS/0,3-PUR/ZC-1L-S SCO - Sensor/actuator cable
1453274 PHOENIX-1453274 Datasheet
527Kb / 16P
SAC-2P-MS/0,6-PUR/ZC-1L-S SCO - Sensor/actuator cable
More results

Similar Description - 1453287

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400698 PHOENIX-1400698 Datasheet
89Kb / 3P
Sensor/Actuator cable - SAC-3P-MS/1,0-PUR/A-1L-Z SCO
1434918 PHOENIX-1434918 Datasheet
118Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/A-1L-Z SCO
1435137 PHOENIX-1435137 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 0,3-PUR/BI-1L-Z SCO
1435153 PHOENIX-1435153 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 1,5-PUR/BI-1L-Z SCO
1435289 PHOENIX-1435289 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 0,3-PUR/B-1L-Z SCO
1435302 PHOENIX-1435302 Datasheet
116Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 1,5-PUR/B-1L-Z SCO
1435315 PHOENIX-1435315 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/B-1L-Z SCO
1435467 PHOENIX-1435467 Datasheet
115Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/C-1L-Z SCO
1435580 PHOENIX-1435580 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 0,3-PUR/CI-1L-Z SCO
1435603 PHOENIX-1435603 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 1,5-PUR/CI-1L-Z SCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com