Electronic Components Datasheet Search
  English  ▼

X  

1453287 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1453287
Description  SAC-2P-MS/1,5-PUR/ZC-1L-S SCO - Sensor/actuator cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1453287 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1453287 Datasheet HTML 8Page - PHOENIX CONTACT 1453287 Datasheet HTML 9Page - PHOENIX CONTACT 1453287 Datasheet HTML 10Page - PHOENIX CONTACT 1453287 Datasheet HTML 11Page - PHOENIX CONTACT 1453287 Datasheet HTML 12Page - PHOENIX CONTACT 1453287 Datasheet HTML 13Page - PHOENIX CONTACT 1453287 Datasheet HTML 14Page - PHOENIX CONTACT 1453287 Datasheet HTML 15Page - PHOENIX CONTACT 1453287 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
US-WMT (23X4) - Cable marker
0828769
https://www.phoenixcontact.com/us/products/0828769
Cable marker, Card, white, unlabeled, can be labeled with:
BLUEMARK ID COLOR, BLUEMARK ID, THERMOMARK PRIME,
THERMOMARK CARD 2.0, THERMOMARK CARD, mounting type: slide-on,
cable diameter range: 1.5 ... 35 mm, lettering field size: 23 x 4 mm, Number of
individual labels: 56
WMTW (23X4)R - Cable marker
0831004
https://www.phoenixcontact.com/us/products/0831004
Cable marker, Roll, white, unlabeled, can be labeled with: THERMOMARK E.300
(D)/600 (D), THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK
ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2,
mounting type: insert, cable diameter range: 1.5 ... 35 mm, lettering field size:
23 x 4 mm, Number of individual labels: 3000
SAC-2P-MS/1,5-PUR/ZC-1L-S SCO - Sensor/actuator
cable
1453287
https://www.phoenixcontact.com/us/products/1453287
Apr 19, 2024, 5:35 AM
Page 13 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com