Electronic Components Datasheet Search
  English  ▼

X  

1753433 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1753433
Description  CCDN 2,5/15-G1F-5,08 P26 THR - PCB header
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753433 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1753433 Datasheet HTML 1Page - PHOENIX CONTACT 1753433 Datasheet HTML 2Page - PHOENIX CONTACT 1753433 Datasheet HTML 3Page - PHOENIX CONTACT 1753433 Datasheet HTML 4Page - PHOENIX CONTACT 1753433 Datasheet HTML 5Page - PHOENIX CONTACT 1753433 Datasheet HTML 6Page - PHOENIX CONTACT 1753433 Datasheet HTML 7Page - PHOENIX CONTACT 1753433 Datasheet HTML 8Page - PHOENIX CONTACT 1753433 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface contact area (top layer)
Tin (3 - 5 µm Sn)
Metal surface contact area (middle layer)
Nickel (1 - 3 µm Ni)
Metal surface soldering area (top layer)
Tin (3 - 5 µm Sn)
Metal surface soldering area (middle layer)
Nickel (1 - 3 µm Ni)
Material data - housing
Color (Housing)
black (9005)
Insulating material
LCP
Insulating material group
IIIa
CTI according to IEC 60112
175
Flammability rating according to UL 94
V0
Notes
Notes on operation
In accordance with IEC 61984, COMBICON connectors have no
switching power (COC). During designated use, they must not be
plugged in or disconnected when carrying voltage or under load.
Dimensions
Dimensional drawing
Pitch
5.08 mm
Width [w]
86.78 mm
Height [h]
22.7 mm
Length [l]
17.6 mm
Installed height
20.1 mm
Solder pin length [P]
2.6 mm
Pin dimensions
1 x 1 mm
PCB design
Pin spacing
5.08 mm
Hole diameter
1.6 mm
Mechanical tests
Visual inspection
Specification
IEC 60512-1-1:2002-02
Result
Test passed
Dimension check
Specification
IEC 60512-1-2:2002-02
CCDN 2,5/15-G1F-5,08 P26 THR - PCB header
1753433
https://www.phoenixcontact.com/us/products/1753433
Apr 19, 2024, 6:28 AM
Page 3 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com