Electronic Components Datasheet Search
  English  ▼

X  

1753433 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753433
Description  CCDN 2,5/15-G1F-5,08 P26 THR - PCB header
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753433 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753433 Datasheet HTML 1Page - PHOENIX CONTACT 1753433 Datasheet HTML 2Page - PHOENIX CONTACT 1753433 Datasheet HTML 3Page - PHOENIX CONTACT 1753433 Datasheet HTML 4Page - PHOENIX CONTACT 1753433 Datasheet HTML 5Page - PHOENIX CONTACT 1753433 Datasheet HTML 6Page - PHOENIX CONTACT 1753433 Datasheet HTML 7Page - PHOENIX CONTACT 1753433 Datasheet HTML 8Page - PHOENIX CONTACT 1753433 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 30,
number of rows: 2, number of positions: 15, number of connections: 30, product range: CCDN
2,5/..-G1F-THR, pitch: 5.08 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin
[P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard
Your advantages
Designed for integration into the SMT soldering process
•
Conductor connection on several levels enables higher contact density
•
Screwable flange for superior mechanical stability
•
Commercial data
Item number
1753433
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AA03
Product key
AACTEB
Catalog page
Page 307 (C-1-2013)
GTIN
4046356324373
Weight per piece (including packing)
20.04 g
Weight per piece (excluding packing)
20.04 g
Customs tariff number
85366930
Country of origin
SK
CCDN 2,5/15-G1F-5,08 P26 THR - PCB header
1753433
https://www.phoenixcontact.com/us/products/1753433
Apr 19, 2024, 6:28 AM
Page 1 (10)


Similar Part No. - 1753433

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753437 PHOENIX-1753437 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1753437 PHOENIX-1753437 Datasheet
108Kb / 5P
MSTB 2,5/ 2-ST BK
1753437 PHOENIX-1753437 Datasheet
145Kb / 5P
MSTBV 2,5/ 2-G
1753437 PHOENIX-1753437 Datasheet
172Kb / 6P
MVSTBR 2,5/ 2-ST
1753437 PHOENIX-1753437 Datasheet
151Kb / 6P
MVSTBW 2,5/ 2-ST
More results

Similar Description - 1753433

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1734452 PHOENIX-1734452 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 3-G1F P26 THR
1734478 PHOENIX-1734478 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 5-G1F P26 THR
1734481 PHOENIX-1734481 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 6-G1F P26 THR
1734517 PHOENIX-1734517 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 9-G1F P26 THR
1734533 PHOENIX-1734533 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/11-G1F P26 THR
1734575 PHOENIX-1734575 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/15-G1F P26 THR
1734588 PHOENIX-1734588 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/16-G1F P26 THR
1734601 PHOENIX-1734601 Datasheet
68Kb / 3P
Printed-circuit board connector - CCDN 2,5/18-G1F P26 THR
1753268 PHOENIX-1753268 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/15-G1-5,08 P26 THR
1753307 PHOENIX-1753307 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 2-G1F-5,08 P26 THR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com