Electronic Components Datasheet Search
  English  ▼

X  

ECP052D Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # ECP052D
Description  쩍 Watt, High Linearity InGaP HBT Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP052D Datasheet(HTML) 3 Page - WJ Communication. Inc.

  ECP052D Datasheet HTML 1Page - WJ Communication. Inc. ECP052D Datasheet HTML 2Page - WJ Communication. Inc. ECP052D Datasheet HTML 3Page - WJ Communication. Inc. ECP052D Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 4
December 2006
ECP052D
½ Watt, High Linearity InGaP HBT Amplifier
900 MHz Application Circuit (ECP052D-PCB900)
Typical RF Performance at 25 °°°°C
ID=C6
C=10 pF
ID=C2
C=22 pF
ID=L1
L=33 nH
ID=C3
C=56 pF
ID=C11
R=0 Ohm
ID=R3
R=51 Ohm
ID=C1
C=22 pF
TLINP
ID=TL2
Z0=50 Ohm
L=600 mil
Eeff=3.16
Loss=0
F0=0 GHz
ID=C9
C=2 pF
ID=C7
C=1000 pF
ID=C4
C=1e7 pF
ID=R1
R=100 Ohm
ID=R2
R=22 Ohm
ID=C5
C=1000 pF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ID=ECP52D
Vsupply = +5V
size 1008
The transmission line lengths are from the edge of the device
pins to the center of the component.
All passive components are size 0603 unless otherwise noted.
The center of C9 should be
+5.6V Zener
placed at silkscreen marker '12'
on the WJ evaluation board.
S21 vs Frequency
10
12
14
16
18
20
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
S11 vs. Frequency
-35
-30
-25
-20
-15
-10
-5
0
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
S22 vs. Frequency
-35
-30
-25
-20
-15
-10
-5
0
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
Noise Figure vs. Frequency
0
2
4
6
8
10
840
860
880
900
920
940
Frequency (MHz)
+25°C
+80°C
-40°C
P1 dB vs. Frequency
20
22
24
26
28
30
840
860
880
900
920
940
Frequency (MHz)
+25°C
+85°C
-40°C
ACPR vs. Channel Power
IS-95, 9 Ch. Fwd, ±885KHz Meas BW, 900 MHz
-80
-75
-70
-65
-60
-55
-50
-45
-40
18
19
20
21
22
23
24
Output Channel Power (dBm)
+25°C
+85°C
-40°C
OIP3 vs. Temperature
freq. = 900, 901 MHz, +13 dBm /tone
35
37
39
41
43
45
-40
-15
10
35
60
85
Temperature (°C)
OIP3 vs. Output Power
freq. = 900, 901 MHz, +25°C
35
37
39
41
43
45
8
10
12
14
16
18
20
Output Power (dBm)
OIP3 vs. Frequency
+25°, +13 dBm / tone
35
37
39
41
43
45
840
860
880
900
920
940
Frequency (MHz)
Frequency
900 MHz
S21 – Gain
17.5 dB
S11 – Input Return Loss
-18 dB
S22 – Output Return Loss
-7 dB
Output P1dB
+28.7 dBm
Output IP3
(+11 dBm / tone, 1 MHz spacing)
+43 dBm
Channel Power
(@-45 dBc ACPR, IS-95 9 channels fwd)
+23 dBm
Noise Figure
7 dB
Device / Supply Voltage
+5 V
Quiescent Current
250 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com