Electronic Components Datasheet Search
  English  ▼

X  

ECP052D Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # ECP052D
Description  쩍 Watt, High Linearity InGaP HBT Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP052D Datasheet(HTML) 1 Page - WJ Communication. Inc.

  ECP052D Datasheet HTML 1Page - WJ Communication. Inc. ECP052D Datasheet HTML 2Page - WJ Communication. Inc. ECP052D Datasheet HTML 3Page - WJ Communication. Inc. ECP052D Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 4
December 2006
ECP052D
½ Watt, High Linearity InGaP HBT Amplifier
Product Features
• 800 – 1000 MHz
• +28.5 dBm P1dB
• +44 dBm Output IP3
• 18 dB Gain @ 900 MHz
• Single Positive Supply (+5V)
• 16-pin 4x4mm Pb-free/green/
RoHS-compliant QFN package
Applications
• Final stage amplifiers for
Repeaters
• Mobile Infrastructure
Product Description
The ECP052D is a high dynamic range driver amplifier
in a low-cost surface mount package. The InGaP/GaAs
HBT is able to achieve high performance for various
narrowband-tuned application circuits with up to +44
dBm OIP3 and +28.5 dBm of compressed 1dB power.
It is housed in an industry standard in a lead-free/
green/RoHS-compliant 16-pin 4x4mm QFN surface-
mount package.
All devices are 100% RF and DC
tested.
The ECP052D is targeted for use as a driver amplifier in
wireless infrastructure where high linearity and medium
power is required. An internal active bias allows the
ECP052D to maintain high linearity over temperature
and operate directly off a single +5V supply.
This
combination makes the device an excellent candidate for
transceiver line cards in current and next generation
multi-carrier 3G base stations.
Functional Diagram
Function
Pin No.
Vref
1
RF Input
3
RF Output
10, 11
Vbias
16
GND
Backside Paddle
N/C or GND
2, 4-9, 12-15
Specifications
Parameter
Units Min
Typ
Max
Operational Bandwidth
MHz
800
1000
Test Frequency
MHz
850
Gain
dB
17
Output P1dB
dBm
+28
Output IP3
(2)
dBm
+44
Test Frequency
MHz
900
Gain
dB
15.5
17.8
Input Return Loss
dB
18
Output Return Loss
dB
7
Output P1dB
dBm
+27
+28.7
Output IP3
(2)
dBm
+42.5
+43
IS-95A Channel Power
@ -45 dBc ACPR, 1960 MHz
dBm
+23
Noise Figure
dB
7
Quiescent Current, Icq
mA
200
250
300
Device Voltage, Vcc
V
+5
1. Test conditions unless otherwise noted: 25 ºC, Vsupply = +5 V, in tuned application circuit.
2. 3OIP measured with two tones at an output power of +11 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. This corresponds to the quiescent current or operating current under small-signal conditions into pins 6, 7, and 8. It is expected that the current can increase by an additional 50 mA at P1dB. Pin 1 is used as a
reference voltage for the internal biasing circuitry. It is expected that Pin 1 will pull 12mA of current when used with a series bias resistor of R1=100Ω. (ie. total device current typically will be 262 mA.)
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85 °C
Storage Temperature
-65 to +150 °C
RF Input Power (continuous)
+22 dBm
Device Voltage
+8 V
Device Current
400 mA
Device Power
2 W
Junction Temperature
+250 °C
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
ECP052D-G
½-Watt, High Linearity InGaP HBT Amplifier
(lead-free/green/RoHS-compliant 16-pin 4x4mm QFN package)
ECP052D-PCB900
900 MHz Evaluation Board
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
N/C
RF OUT
RF OUT
N/C
Vref
N/C
RF IN
N/C


Similar Part No. - ECP052D

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP052D WJCI-ECP052D Datasheet
225Kb / 5P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP052D-PCB900 WJCI-ECP052D-PCB900 Datasheet
225Kb / 5P
1/2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECP052D

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
ECG012 ETC-ECG012 Datasheet
298Kb / 5P
0.1 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH110-RFID WJCI-AH110-RFID Datasheet
660Kb / 7P
0.2 Watt, High Linearity InGaP HBT Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
쩍 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
AH118-RFID WJCI-AH118-RFID Datasheet
662Kb / 7P
쩌 Watt, High Linearity InGaP HBT Amplifier
AH115 WJCI-AH115 Datasheet
422Kb / 5P
쩍 Watt, High Linearity InGaP HBT Amplifier
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com