Electronic Components Datasheet Search
  English  ▼

X  

SW-137-PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-137-PIN
Description  GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-137-PIN Datasheet(HTML) 1 Page - Tyco Electronics

  SW-137-PIN Datasheet HTML 1Page - Tyco Electronics SW-137-PIN Datasheet HTML 2Page - Tyco Electronics SW-137-PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPDT Reflective Switch,
0.01 - 3.0 GHz
SW-137-PIN
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
RoHS
Compliant
Features
• Isolation: 48 dB Typical at 1 GHz
• High Intercept Point Over Wide Bandwidth
•
Trise, Tfall: 5 nS Typical
•
DIP Package
•
Integral TTL Driver (CMOS Compatible)
•
50 Ohm Nominal Impedance
Description
M/A-COM’s SW-137 is a GaAs MMIC SPDT reflective
switch with an integral Silicon ASIC driver. This device
is in a 14-lead DIP package. These switches offer high
intercept points over a wide bandwidth of operation,
while maintaining low DC power dissipation.
These
switches exhibit excellent performance and repeatabil-
ity from 0.01 to 3.0 GHz. The SW-137 is ideally suited
for RF/IF communications applications.
Contact the
factory for environmental screening.
Ordering Information
Part Number
Package
SW-137-PIN
DI-1
Note: Reference Application Note M513 for reel size
information.
Note: Die quantity varies.
Functional Block Diagram
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Truth Table
Condition of Switch
RF Common to each RF Port
C1
RF1
RF2
Low
On
Off
High
Off
On
Control Inputs
Absolute Maximum Ratings
2
2. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
0.05 GHz
0.5 - 3.0 GHz
+27 dBm
+34 dBm
Supply Voltages
Vcc
Vee
-0.5V to +16.5 V
-16.5V to +0.5V
Control Voltage
-0.5V to VCC to +0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Current (mA)
± 9V
± 12V
± 15V
Vcc
8
11
15
Vee
4
7
9


Similar Part No. - SW-137-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-137-PIN MA-COM-SW-137-PIN Datasheet
59Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
More results

Similar Description - SW-137-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-137 MACOM-SW-137 Datasheet
76Kb / 2P
GaAs SPDT Reflective Switch 0.01 - 3 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
NEC
UPG2406TK NEC-UPG2406TK Datasheet
123Kb / 13P
0.01 to 3.0 GHz SPDT SWITCH
UPG2406TB NEC-UPG2406TB Datasheet
123Kb / 13P
0.01 to 3.0 GHz SPDT SWITCH
UPG2406T6R NEC-UPG2406T6R Datasheet
128Kb / 13P
0.01 to 3.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
SW-137-PIN MA-COM-SW-137-PIN Datasheet
59Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
California Eastern Labs
UPG2406TK CEL-UPG2406TK Datasheet
554Kb / 12P
0.01 to 3.0 GHz SPDT SWITCH
UPG2406TK CEL-UPG2406TK_09 Datasheet
554Kb / 12P
0.01 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2406TB RENESAS-PG2406TB_15 Datasheet
246Kb / 15P
0.01 to 3.0 GHz SPDT SWITCH
PG2406TK RENESAS-PG2406TK_15 Datasheet
246Kb / 15P
0.01 to 3.0 GHz SPDT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com