Electronic Components Datasheet Search
  English  ▼

X  

SW-137-PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-137-PIN
Description  GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-137-PIN Datasheet(HTML) 2 Page - Tyco Electronics

  SW-137-PIN Datasheet HTML 1Page - Tyco Electronics SW-137-PIN Datasheet HTML 2Page - Tyco Electronics SW-137-PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT Reflective Switch,
0.01 - 3.0 GHz
SW-137-PIN
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
RoHS
Compliant
Electrical Specifications: TA = -55°C to +85°C
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Reference
Insertion Loss
—
0.01 - 0.5 GHz
0.01 - 1.0 GHz
0.01 - 2.0 GHz
0.01 - 3.0 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.9
1.0
1.4
1.6
Isolation
—
0.01 - 0.5 GHz
0.01 - 1.0 GHz
0.01 - 2.0 GHz
0.01 - 3.0 GHz
dB
dB
dB
dB
48
43
37
32
—
—
—
—
—
—
—
—
VSWR
—
0.01 - 0.5 GHz
0.01 - 1.0 GHz
0.01 - 2.0 GHz
0.01 - 3.0 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.25:1
1.4:1
1.7:1
2.0:1
Trise, Tfall
Ton, Toff
Transients
10% to 90%
1.3V Control to 90/10% RF
In-band (peak-peak)
—
—
—
nS
nS
mV
—
—
—
5
22
45
—
—
—
1 dB Compression
0.01 - 3.0 GHz
dBm
—
+25
—
Input IP3
For two-tone Input power up to +5 dBm
0.01 - 3.0 GHz
dBm
—
+46
—
Input IP2
For two-tone Input power up to +5 dBm
0.01 - 3.0 GHz
dBm
—
+76
—
1. All specifications apply when operated with bias voltages of +9V to +15V for Vcc and –9 to –15V for Vee and 50 Ohm imped-
ance at all RF ports unless otherwise specified.
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Vcc
Vee
—
—
V
V
+9
-15
+12
-12
+15
-9
Icc
Vcc = +9 to +15V
—
mA
—
—
20.0
Iee
Vee = -9 to -15V
—
mA
—
—
15.0
Vctl
Vctl
Low
High
—
—
V
V
0.0
2.0
—
—
0.8
5.0
Input Leakage
Current (Low)
0 to 0.8V
—
A
—
—
1.0
Input Leakage
Current (High)
2.0 to 5.0V
—
A
—
—
1.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com