Electronic Components Datasheet Search
  English  ▼

X  

SW-226-PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-226-PIN
Description  GaAs SPDT Switch DC - 4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-226-PIN Datasheet(HTML) 2 Page - Tyco Electronics

  SW-226-PIN Datasheet HTML 1Page - Tyco Electronics SW-226-PIN Datasheet HTML 2Page - Tyco Electronics SW-226-PIN Datasheet HTML 3Page - Tyco Electronics SW-226-PIN Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPDT Switch
DC - 4 GHz
SW-226/227/228-PIN
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
2
RoHS
Compliant
Electrical Specifications: TA = -55°C to +85°C, Vc = 0 V / -5 V, Z0 = 50 Ω
Ω
Ω
Ω
4
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss (SW-226-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.9
1.0
1.2
1.5
Insertion Loss (SW-227-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.9
1.0
1.1
1.4
Insertion Loss (SW-228-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.7
0.7
0.8
1.0
Isolation (SW-226-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
53
48
40
25
—
—
—
—
—
—
—
—
Isolation (SW-227-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
55
50
40
35
—
—
—
—
—
—
—
—
Isolation (SW-228-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
50
42
32
22
—
—
—
—
—
—
—
—
VSWR (SW-226-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.2:1
1.4:1
1.6:1
2.3:1
VSWR (SW-227-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.2:1
1.4:1
1.6:1
2.0:1
VSWR (SW-228-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.2:1
1.2:1
1.3:1
1.9:1
Trise, Tfall
5
10% to 90% RF, 90% to 10% RF
nS
—
3
—
Ton, Toff
5
50% control to 90% RF, 50% control to 10% RF
nS
—
6
—
Transients
5 (SW-226-PIN,SW-227-PIN)
In-Band
mV
—
30
—
Transients
5 (SW-228-PIN)
In-Band
mV
—
10
—
4. See MIL-STD-883 for environmental screening options.
5. Faster switching speed can be achieved with enhanced driver waveform.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com