Electronic Components Datasheet Search
  English  ▼

X  

SW-226-PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-226-PIN
Description  GaAs SPDT Switch DC - 4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-226-PIN Datasheet(HTML) 3 Page - Tyco Electronics

  SW-226-PIN Datasheet HTML 1Page - Tyco Electronics SW-226-PIN Datasheet HTML 2Page - Tyco Electronics SW-226-PIN Datasheet HTML 3Page - Tyco Electronics SW-226-PIN Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaAs SPDT Switch
DC - 4 GHz
SW-226/227/228-PIN
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
3
RoHS
Compliant
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Input P1dB
0.5 - 4 GHz, 0 / -5 VDC
0.05 GHz, 0 / -5 VDC
0.5 - 4 GHz, 0 / -8 VDC
0.05 GHz, 0 / -8 VDC
dBm
dBm
dBm
dBm
—
—
—
—
27
21
33
26
—
—
—
—
IP2
For two-tone input power up to +13 dBm
0.5 - 4 GHz
0.05 GHz
dBm
dBm
—
—
68
62
—
—
IP3
For two-tone input power up to +13 dBm
0.5 - 4 GHz
0.05 GHz
dBm
dBm
—
—
46
40
—
—
Control Current
│Vc│ = 0 to 0.2 V
│Vc│ = 5 V (SW-226-PIN, SW-227-PIN)
│Vc│ = 8 V (SW-226-PIN, SW-227-PIN)
│Vc│ = 5 V (SW-228-PIN)
│Vc│ = 8 V (SW-228-PIN)
A
A
A
A
A
—
—
—
—
—
—
110
—
50
—
20
—
600
—
300
Electrical Specifications (continued): TA = -55°C to +85°C, Vc = 0 V / -5 V, Z0 = 50 Ω
Ω
Ω
Ω
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
SW-226-PIN and SW-227-PIN
Truth Table
6,7
6. 0 = 0 V to -0.2 V, 1 = -5 V to -8 V
7. For the SW-227-PIN and SW-228-PIN only, when an RF
output is “OFF” it is shorted to case ground.
Control Input
Condition of Switch,
RF Common to each
RF Port
A1
B1
A2
B2
RF1
RF2
1
0
0
1
ON
OFF
0
1
1
0
OFF
ON
SW-228-PIN Truth Table
6,7
Condition of Switch,
RF Common to each
RF Port
A1
B1
RF1
RF2
1
0
ON
OFF
0
1
OFF
ON
Control Input



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com