Electronic Components Datasheet Search
  English  ▼

X  

FH1 Datasheet(PDF) 6 Page - WJ Communication. Inc.

Part # FH1
Description  High Dynamic Range FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FH1 Datasheet(HTML) 6 Page - WJ Communication. Inc.

  FH1 Datasheet HTML 1Page - WJ Communication. Inc. FH1 Datasheet HTML 2Page - WJ Communication. Inc. FH1 Datasheet HTML 3Page - WJ Communication. Inc. FH1 Datasheet HTML 4Page - WJ Communication. Inc. FH1 Datasheet HTML 5Page - WJ Communication. Inc. FH1 Datasheet HTML 6Page - WJ Communication. Inc. FH1 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
x Phone 1-800-WJ1-4401 x FAX: 408-577-6621 x e-mail: sales@wj.com x Web site: www.wj.com
Page 6 of 7 April 2007
FH1
High Dynamic Range FET
Reference Design: 880 MHz, 18 dB Gain
Frequency
GHz
850
875
900
Gain
dB
17.95
17.96
18.00
S11
dB
-16
-15
-15
S22
dB
-23
-22
-22
P1dB
dBm
+22
OIP3
dBm
+41
Noise Figure
dB
1.8
1.83
1.85
Supply Voltage
V
+5
Supply Current
mA
140
0.7
0.8
0.9
1
Frequency (GHz)
Gain / Return Loss (dB)
14
15
16
17
18
19
-25
-20
-15
-10
-5
0
DB(|S(1,1)|) (R)
DB(|S(2,1)|) (L)
DB(|S(2,2)|) (R)
ID=C5
R=1e4 Ohm
ID=C4
C=1e4 pF
ID=C2
C=100 pF
ID=C1
C=100 pF
ID=R6
R=360 Ohm
ID=R7
R=360 Ohm
ID=C3
C=100 pF
ID=L1
L=33 nH
ID=C6
C=100 pF
ID=R1
L=10 nH
1
2
NET="FH1"
+5V
Notes:
1.
Circuit Board Material: .0
#´ÃBr‡rxÃHG!9TTà …Ã2Ã#!à “Ãp‚ƒƒr…ÃÃUurÀhvÃ€vp…‚†‡…vƒÃyvrÃuh†ÃhÃyvrÃv€ƒrqhprÂsÃ$à 
2.
Components not shown in the schematic are either not used or loaded with a thru. Gain for the circuit can be adjusted slightly with the modification of the feedback resistance.
Reference Design: 800 - 2200 MHz, 15 dB Gain
Frequency
GHz
900
1900
2140
Gain
dB
14.9
16.3
16.4
S11
dB
-22
-10
-18
S22
dB
-14
-9.7
-9.6
P1dB
dBm
+22.1
+22.4
+22.1
OIP3
dBm
+40.7
+42.0
+41.0
Noise Figure
dB
2.4
2.6
2.8
Supply Voltage
V
+5
Supply Current
mA
140
0.75
1
1.25
1.5
1.75
2
2.25
Frequency (GHz)
Gain / Return Loss
8
10
12
14
16
18
-30
-20
-10
0
10
20
DB(|S(1,1)|) (R)
DB(|S(2,1)|) (L)
DB(|S(2,2)|) (R)
C=2 pF
ID=C3
C=100 pF
ID=C5
L=6.8 nH
ID=L1
L=18 nH
ID=R1
L=2.7 nH
ID=C1
R=2.2 Ohm
TLINP
ID=TL1
Z0=50 Ohm
L=80 mil
Eeff=3.4
Loss=0
F0=0 GHz
ID=C2
C=100 pF
ID=C4
C=100 pF
ID=R6
R=240 Ohm
ID=R7
R=240 Ohm
ID=C6
C=100 pF
1
2
NET="FH1"
+5V
Notes:
1.
Circuit Board Material: .0
#´ÃBr‡rxÃHG!9TTà …Ã2Ã#!à “Ãp‚ƒƒr…ÃÃUurÀhvÃ€vp…‚†‡…vƒÃyvrÃuh†ÃhÃyvrÃv€ƒrqhprÂsÃ$à 
2.
Components not shown in the schematic are either not used or loaded with a thru. Gain for the circuit can be adjusted slightly with the modification of the feedback resistance.
3.
A dc blocking capacitor needs to be placed before C1 if dc is present at the input of the circuit.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com