Electronic Components Datasheet Search
  English  ▼

X  

FH1 Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # FH1
Description  High Dynamic Range FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FH1 Datasheet(HTML) 7 Page - WJ Communication. Inc.

  FH1 Datasheet HTML 1Page - WJ Communication. Inc. FH1 Datasheet HTML 2Page - WJ Communication. Inc. FH1 Datasheet HTML 3Page - WJ Communication. Inc. FH1 Datasheet HTML 4Page - WJ Communication. Inc. FH1 Datasheet HTML 5Page - WJ Communication. Inc. FH1 Datasheet HTML 6Page - WJ Communication. Inc. FH1 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
x Phone 1-800-WJ1-4401 x FAX: 408-577-6621 x e-mail: sales@wj.com x Web site: www.wj.com
Page 7 of 7 April 2007
FH1
High Dynamic Range FET
FH1-G Mechanical Information
This package is lead-free/Green/RoHS-compliant. The plating material on the leads is NiPdAu. It is compatible with both lead-free
(maximum 260
qC reflow temperature) and leaded (maximum 245 qC reflow temperature) soldering processes.
Outline Drawing
Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
qC
Thermal Resistance, Rth
(1)
59
qC / W
Junction Temperature, Tj
(2)
126
qC
1. The thermal resistance is referenced from the hottest
part of the junction to the ground tab (pin 4).
2. This corresponds to the typical biasing condition of
+5V, 140 mA at an 85
qC case temperature. A
minimum MTTF of 1 million hours is achieved for
junction temperatures below 160
qC.
Product Marking
The FH1-G will be marked with an “FH1G”
designator.
An
alphanumeric
lot
code
(“XXXX-X”) is also marked below the part
designator on the top surface of the package.
The obsolete tin-lead package is marked with
an
“FH1”
designator
followed
by
an
alphanumeric lot code.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes
1000V to <2000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 3 at +260
qC convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this
device. Vias should use a .35mm (#80 / .0135”) diameter drill and
have a final plated thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers near the
part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a
heatsink. Ensure that the ground / thermal via region contacts the
heatsink.
4. Do not put solder mask on the backside of the PC board in the
region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and
construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in degrees.
MTTF vs. GND Tab Temperature
1
10
100
1000
60
70
80
90
100
110
Tab Temperature (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com