Electronic Components Datasheet Search
  English  ▼

X  

FP2189 Datasheet(PDF) 8 Page - WJ Communication. Inc.

Part # FP2189
Description  1-Watt HFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP2189 Datasheet(HTML) 8 Page - WJ Communication. Inc.

Back Button FP2189 Datasheet HTML 4Page - WJ Communication. Inc. FP2189 Datasheet HTML 5Page - WJ Communication. Inc. FP2189 Datasheet HTML 6Page - WJ Communication. Inc. FP2189 Datasheet HTML 7Page - WJ Communication. Inc. FP2189 Datasheet HTML 8Page - WJ Communication. Inc. FP2189 Datasheet HTML 9Page - WJ Communication. Inc. FP2189 Datasheet HTML 10Page - WJ Communication. Inc. FP2189 Datasheet HTML 11Page - WJ Communication. Inc. FP2189 Datasheet HTML 12Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 8 of 12
October 2006
FP2189
1-Watt HFET
Product Information
The Communications Edge
TM
FP2189-PCB2140S Application Circuit Performance Plots
S11 vs. Frequency
-30
-25
-20
-15
-10
-5
0
2110
2130
2150
2170
Frequency (MHz)
-40c
+25c
+85c
S21 vs. Frequency
11
12
13
14
15
16
2110
2130
2150
2170
Frequency (MHz)
-40c
+25c
+85c
S22 vs. Frequency
-30
-25
-20
-15
-10
-5
0
2110
2130
2150
2170
Frequency (MHz)
-40c
+25c
+85c
P1dBvs. Frequency
24
26
28
30
32
34
2110
2130
2150
2170
Frequency (MHz)
-40C
+25C
+85C
Noise Figurevs. Frequency
0
1
2
3
4
5
6
2110
2130
2150
2170
Frequency (MHz)
-40C
+25C
+85C
ACPRvs. Channel Power
3GPPW-CDMA, Test Model 1+ 64 DPCH, ±5MHz offset
-60
-55
-50
-45
-40
-35
18
19
20
21
22
23
24
Output Channel Power (dBm)
-40C
+25C
+85 C
freq= 2140MHz
OIP3vs. Temperature
36
38
40
42
44
46
-40
-15
10
35
60
85
Temperature (°C)
freq= 2140, 2141 MHz
+15dBm/ tone
IMDproducts vs. Output Power
fundamental frequency=2140, 2141MHz; Temp =+25°C
-100
-80
-60
-40
-20
0
4
8
12
16
20
24
Output Power (dBm)
IMD_Low
IMD_High
OIP3 vs. Output Power
fundamental frequency= 2140, 2141MHz; Temp =+25°C
30
35
40
45
50
0
4
8
12
16
20
24
Output Power (dBm)
Output Power / Gain vs. Input Power
frequency= 2140MHz, Temp=-40°C
6
8
10
12
14
16
2
6
10
14
18
22
Input Power (dBm)
12
16
20
24
28
32
Output Power
Gain
Output Power / Gain vs. Input Power
frequency=2140 MHz, Temp= +25°C
6
8
10
12
14
16
2
6
10
14
18
22
Input Power (dBm)
12
16
20
24
28
32
Output Power
Gain
Output Power / Gain vs. Input Power
frequency=2140 MHz, Temp= +85°C
6
8
10
12
14
16
2
6
10
14
18
22
Input Power (dBm)
12
16
20
24
28
32
Output Power
Gain
14 mil GETEK
TM ML200DSS (ε
r = 4.2)
The layout of this circuit can be downloaded from the website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com