Electronic Components Datasheet Search
  English  ▼

X  

FP2189 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # FP2189
Description  1-Watt HFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP2189 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  FP2189 Datasheet HTML 1Page - WJ Communication. Inc. FP2189 Datasheet HTML 2Page - WJ Communication. Inc. FP2189 Datasheet HTML 3Page - WJ Communication. Inc. FP2189 Datasheet HTML 4Page - WJ Communication. Inc. FP2189 Datasheet HTML 5Page - WJ Communication. Inc. FP2189 Datasheet HTML 6Page - WJ Communication. Inc. FP2189 Datasheet HTML 7Page - WJ Communication. Inc. FP2189 Datasheet HTML 8Page - WJ Communication. Inc. FP2189 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 12
October 2006
FP2189
1-Watt HFET
Product Information
The Communications Edge
TM
Product Features
• 50 – 4000 MHz
• +30 dBm P1dB
• +43 dBm Output IP3
• High Drain Efficiency
• 18.5 dB Gain @ 900 MHz
• Lead-free/Green/RoHS-compliant
SOT-89 Package
• MTTF >100 Years
Applications
• Mobile Infrastructure
• CATV / DBS
• W-LAN / ISM
• RFID
• Defense / Homeland Security
• Fixed Wireless
Product Description
The FP2189 is a high performance 1-Watt HFET
(Heterostructure FET) in a low-cost SOT-89 surface-
mount package. This device works optimally at a drain
bias of +8 V and 250 mA to achieve +43 dBm output IP3
performance and an output power of +30 dBm at 1-dB
compression, while providing 18.5 dB gain at 900 MHz.
The device conforms to WJ Communications’ long
history
of
producing
high
reliability
and
quality
components.
The FP2189 has an associated MTTF of
greater than 100 years at a mounting temperature of 85 °C
and is available in both the standard SOT-89 package and
the
environmentally-friendly
lead-free/green/RoHS-
compliant and green SOT-89 package. All devices are
100% RF & DC tested.
The product is targeted for use as driver amplifiers for
wireless infrastructure where high performance and high
efficiency are required.
Functional Diagram
Function
Pin No.
Input / Gate
1
Output / Drain
3
Ground
2, 4
Specifications
DC Parameter
Units Min
Typ
Max
Saturated Drain Current, Idss
(1)
mA
445
615
705
Transconductance, Gm
mS
280
Pinch Off Voltage, Vp
(2)
V
-2.1
RF Parameter
(3)
Units
Min
Typ
Max
Operational Bandwidth
MHz
50
4000
Test Frequency
MHz
800
Small Signal Gain
dB
18.5
SS Gain (50 Ω, unmatched)
dB
15
21
Maximum Stable Gain
dB
24
Output P1dB
dBm
+30
Output IP3
(4)
dBm
+43
Noise Figure
dB
4.5
Drain Bias
+8V @ 250 mA
1. Idss is measured with Vgs = 0 V, Vds = 3 V.
2. Pinch-off voltage is measured when Ids = 2.4 mA.
3. Test conditions unless otherwise noted: T = 25 ºC, VDS = 8 V, IDQ = 250 mA in an application circuit
with ZL = ZLOPT, ZS = ZSOPT (optimized for output power).
4. 3OIP measured with two tones at an output power of +15 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85 °C
Storage Temperature
-55 to +125 °C
DC Power
4.0 W
RF Input Power (continuous)
6 dB above Input P1dB
Drain to Gate Voltage, Vdg
+16 V
Junction Temperature
+220 °C
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(5)
Parameter
Units
Typical
Frequency
MHz
915
1960
2140
2450
Gain
dB
18.7
15.6
14.4
13.0
Input Return Loss
dB
21
14.6
23
26
Output Return Loss
dB
8.3
12
11.5
9.6
Output P1dB
dBm
+30.2 +30.4 +30.6 +31.2
Output IP3
(4)
dBm
+42.8 +43.5 +43.9 +45.3
Noise Figure
dB
4.5
3.4
4.5
IS-95 Channel Power
@ -45 dBc ACPR
dBm
+24.5 +23.8
W-CDMA Ch. Power
@ -45 dBc ACLR
+22.2
Drain Voltage
V
+8
Drain Current
mA
250
5. Typical parameters represent performance in a tuned application circuit.
Ordering Information
Part No.
Description
FP2189-G
1 -Watt HFET
(lead-free/green/RoHS-compliant SOT-89 package)
FP2189-PCB900S
870 – 960 MHz Application Circuit
FP2189-PCB1900S
1930 – 1990 MHz Application Circuit
FP2189-PCB2140S
2110 – 2170 MHz Application Circuit
RF IN
GND
RF OUT
GND
1
2
3
4


Similar Part No. - FP2189

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP2189 ETC-FP2189 Datasheet
451Kb / 6P
high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
logo
WJ Communication. Inc.
FP2189 WJCI-FP2189 Datasheet
644Kb / 13P
1 - Watt HFET
FP2189-G WJCI-FP2189-G Datasheet
644Kb / 13P
1 - Watt HFET
logo
List of Unclassifed Man...
FP2189-PCB1900S ETC-FP2189-PCB1900S Datasheet
451Kb / 6P
high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
logo
WJ Communication. Inc.
FP2189-PCB1900S WJCI-FP2189-PCB1900S Datasheet
644Kb / 13P
1 - Watt HFET
More results

Similar Description - FP2189

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
2-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
1/2 - Watt HFET
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
1 - Watt HFET
logo
SIRENZA MICRODEVICES
SHF-0189 SIRENZA-SHF-0189 Datasheet
99Kb / 4P
0.05 - 6 GHz, 0.5 Watt GaAs HFET
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
2-Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
쩍-Watt HFET
logo
TriQuint Semiconductor
TGF2961-SD TRIQUINT-TGF2961-SD Datasheet
656Kb / 20P
1 Watt DC-4 GHz Packaged HFET
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
0.5 Watt DC-5 GHz Packaged HFET
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
0.5 Watt DC-5 GHz Packaged HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com