Electronic Components Datasheet Search
  English  ▼

X  

MH303 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # MH303
Description  Cellular-band Quad-FET Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MH303 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  MH303 Datasheet HTML 1Page - WJ Communication. Inc. MH303 Datasheet HTML 2Page - WJ Communication. Inc. MH303 Datasheet HTML 3Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 3 April 2006
MH303
Cellular-band Quad-FET Mixer
Product Information
The Communications Edge
TM
Typical Performance Charts
Input IP3 vs RF Frequency
+25° C, LO = +13 dBm
10
15
20
25
30
770
820
870
920
970
RF Frequency (MHz)
IF = 100 MHz
IF = 70 MHz
IF = 50 MHz
IF = 23 MHz
Input IP3 vs RF Frequency
+25° C, IF = 70 MHz
15
20
25
30
35
770
820
870
920
970
RF Frequency (MHz)
LO = +17 dBm
LO = +15 dBm
LO = +13 dBm
LO = +11 dBm
Isolationvs LOFrequency
25° C, LO= +13 dBm
30
35
40
45
50
700
750
800
850
900
LOFrequency(MHz)
L-R
L-I
Conversion Loss vs RF Frequency
+25° C, LO = +13 dBm
5
6
7
8
9
10
770
820
870
920
970
RF Frequency (MHz)
IF = 23 MHz
IF = 50 MHz
IF = 70 MHz
IF = 100 MHz
Conversion Loss vs RF Frequency
+25° C, IF = 70 MHz
5
6
7
8
9
10
770
820
870
920
970
RF Frequency (MHz)
LO = +11 dBm
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
Return Loss vs RF Frequency
+25° C, IF = 70 MHz, LO = +13 dBm
-25
-20
-15
-10
-5
0
770
820
870
920
970
RF Frequency (MHz)
Return Loss vs LO Frequency
+25° C, LO = +13 dBm
-25
-20
-15
-10
-5
0
700
750
800
850
900
LO Frequency (MHz)
Return Loss vs IF Frequency
+25° C, RF = 870 MHz, LO = +13 dBm
-25
-20
-15
-10
-5
0
20
40
60
80
100
IF Frequency (MHz)
Application Circuit
M/A-Com E-Series, ETC1-1-13
RF 1:1 Transformer, 4.5 – 3000 MHz
4
5
6
3
2
1
RF
LO
IF
T2
6-lead
MLPM
3 x 3 mm
6-pin
DFN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com