Electronic Components Datasheet Search
  English  ▼

X  

MH303 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # MH303
Description  Cellular-band Quad-FET Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MH303 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  MH303 Datasheet HTML 1Page - WJ Communication. Inc. MH303 Datasheet HTML 2Page - WJ Communication. Inc. MH303 Datasheet HTML 3Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 3 April 2006
MH303
Cellular-band Quad-FET Mixer
Product Information
The Communications Edge
TM
MH303-G Mechanical Information
This package is lead-free/Green/RoHS-compliant. The plating material on the leads is annealed matte tin over copper. It is compatible with
both lead-free (maximum 260
°C reflow temperature) and leaded (maximum 245 °C reflow temperature) soldering processes.
Package Information
Product Marking
The component will be laser marked with a model number
“G303” designator exactly as shown followed by an
assembly date code in location shown by “YYWW”.
A
laser marked lot code will be in the location shown by
“XXX” and is unique for every assembly lot.
The
obsolete tin-lead package is marked with an “M303”
designator.
Tape and reel specifications for this part are located on the
website in the “Application Notes” section.
YYWW
*
XXX
G303
Functional Schematic Diagram
RF
LO
IF
180o
Two-Way
Power
Divider
180o
Two-Way
Power
Divider
MH303
ESD / MSL Information
ESD Rating:
Class 1B
Value:
Passes at 500 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating:
Level 1 at 260
°C convection reflow
Standard:
JEDEC Standard J-STD-020



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com