Electronic Components Datasheet Search
  English  ▼

X  

IRF7303 Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7303
Description  Dual N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7303 Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7303 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Fig 7. Typical Source-Drain Diode
ForwardVoltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-SourceVoltage
Fig 6. Typical Gate Charge Vs.
Gate-to-SourceVoltage
0
200
400
600
800
1000
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
4
8
12
16
20
0
5
10
15
20
25
Q , Total Gate Charge (nC)
G
A
FOR TEST CIRCUIT
SEE FIGURE 12
I = 2.4A
V
= 24V
D
DS
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
T = 25°C
T = 150°C
J
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
1
10
100
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
A
V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms
Rev:2023A2
4
IRF7303
Dual N-Channel MOSFET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com