Electronic Components Datasheet Search
  English  ▼

X  

IRF7303 Datasheet(PDF) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7303
Description  Dual N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7303 Datasheet(HTML) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7303 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7303 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig 10a. Switching Time Test Circuit
+
-
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
10V
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
Fig 9. Maximum Drain Current Vs.
AmbientTemperature
Fig 10b. Switching Time Waveforms
RD
VGS
VDD
RG
D.U.T.
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
5.0
T , Case Temperature ( C)
°
C
Rev:2023A2
5
IRF7303
Dual N-Channel MOSFET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com