Electronic Components Datasheet Search
  English  ▼

X  

IRF7313 Datasheet(PDF) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7313
Description  Dual N Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7313 Datasheet(HTML) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7313 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 10. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 9. Typical Capacitance Vs.
Drain-to-Source Voltage
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
0.50
SINGLE PULSE
(THERMAL RESPONSE)
0
300
600
900
1200
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
10
20
30
40
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
I =
D
5.8A
V
= 15V
DS
Rev:2023A2
5
IRF7313
Dual N Channel MOSFET



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com