Electronic Components Datasheet Search
  English  ▼

X  

IRF7313 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7313
Description  Dual N Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7313 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7313 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7313 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Description
Symbol
Maximum
Units
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
± 20
TA = 25°C
6.5
TA = 70°C
5.2
Pulsed Drain Current
IDM
30
Continuous Source Current (Diode Conduction)
IS
2.5
TA = 25°C
2.0
TA = 70°C
1.3
Single Pulse Avalanche Energy
‚
EAS
82
mJ
Avalanche Current
IAR
4.0
A
Repetitive Avalanche Energy
EAR
0.20
mJ
Peak Diode Recovery dv/dt
ƒ
dv/dt
5.8
V/ ns
Junction and Storage Temperature Range
TJ,TSTG
-55 to + 150
°C
Thermal Resistance Ratings
Parameter
Symbol
Limit
Units
Maximum Junction-to-Ambient
…
RθJA
62.5
°C/W
Absolute Maximum Ratings ( TA = 25°C Unless Otherwise Noted)
Continuous Drain Current
…
Maximum Power Dissipation
…
A
ID
PD
V
W
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
l
Generation V Technology
l
Ultra Low On-Resistance
l
Surface Mount
l
Fully Avalanche Rated
l
Lead-Free
Rev:2023A2
1
The SOP-8 has been modified through a
customized eadframe for enhanced thermal
characteristics and multiple-die capability
making it ideal in a variety of powerapplications.
With theseimprovements.multiple devices can
be usedinanappication with dramatica v reduced
board space. The package is designed for vapor
phase, infra red, or wave sodering technigues.
l VDS (V)=30V
l
RDS(ON)
29m
(VGS = 10V)
Features
l
RDS(ON)
46 m
(VGS = 4.5V)
IRF7313
Dual N Channel MOSFET


Similar Part No. - IRF7313

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313 IRF-IRF7313 Datasheet
547Kb / 7P
HEXFET POWER MOSFET
IRF7313PBF IRF-IRF7313PBF Datasheet
205Kb / 7P
HEXFET Power MOSFET
IRF7313PBF IRF-IRF7313PBF Datasheet
210Kb / 7P
Generation V Technology
IRF7313PBF IRF-IRF7313PBF Datasheet
210Kb / 7P
GENERATION V TECHNOLOGY
IRF7313PBF-1 IRF-IRF7313PBF-1 Datasheet
210Kb / 7P
Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7313

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com