Electronic Components Datasheet Search
  English  ▼

X  

IRF7401 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7401
Description  N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7401 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7401 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7401 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7401 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7401 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7401 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7401 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7401 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7401 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Benefits
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient„
50
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ 4.5V
10
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
8.7
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
7.0
IDM
Pulsed Drain Current 
35
PD @TA = 25°C
Power Dissipation
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
IRF7401
Environmentally
Increased Reliability
l
l
Features
VDS (V) = 20V
RDS(ON)
22 m
(VGS = 4.5V)
l
l
l
l
l
l
Rev:2023A2
1
SOP-8
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
N-Channel MOSFET


Similar Part No. - IRF7401

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7401 IRF-IRF7401 Datasheet
118Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
logo
Analog Devices
IRF7401 AD-IRF7401 Datasheet
416Kb / 24P
Thermoelectric Cooler Controller
11/03-Data Sheet Changed from REV. B to REV. C.
IRF7401 AD-IRF7401 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
logo
Guangdong Youtai Semico...
IRF7401 UMW-IRF7401 Datasheet
408Kb / 8P
N-Channel MOSFET
logo
International Rectifier
IRF7401PBF IRF-IRF7401PBF Datasheet
197Kb / 9P
HEXFET짰 Power MOSFET
More results

Similar Description - IRF7401

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com