Electronic Components Datasheet Search
  English  ▼

X  

ER1601ACT Datasheet(PDF) 2 Page - Won-Top Electronics

Part # ER1601ACT
Description  16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ER1601ACT Datasheet(HTML) 2 Page - Won-Top Electronics

  ER1601ACT Datasheet HTML 1Page - Won-Top Electronics ER1601ACT Datasheet HTML 2Page - Won-Top Electronics ER1601ACT Datasheet HTML 3Page - Won-Top Electronics ER1601ACT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: September, 2012
ER1600CT – ER1606CT
WON-TOP ELECTRONICS
®
0
TC, CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
15
30
45
60
75
90 105 120 135 150
0
4
8
12
16
20
Resistive or
Inductive Load
0
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
0.4
0.8
1.2
1.6
2.0
0.1
1.0
10
100
1
NUMBER OF CYCLES AT 60Hz
Fig. 3 Forward Surge Current Derating Curve
10
100
0
40
80
120
160
200
0
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
20
40
60
80
100
120
140
0.01
0.1
1.0
10
100
1000
Single Half-Sine-Wave
JEDEC Method
0.1
VR, DC REVERSE VOLTAGE (V)
Fig. 6 Typical Junction Capacitance
1
10
100
0
f = 1MHz
40
80
120
160
200
0
IF(AV), AVERAGE FORWARD CURRENT (A)
Fig. 5 Forward Power Dissipation
4
6
8
0
4
8
12
16
20
2
10
ER1603CT
ER1604CT
ER1606CT
ER1600CT – ER1602CT
TC = 25°C
TC = 125°C
TC = 100°C
ER1600CT – ER1602CT
ER1603CT – ER1606CT
ER1603CT
ER1604CT
ER1606CT
ER1600CT – ER1602CT
DC, TJ = 150°C
Per Diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com