Electronic Components Datasheet Search
  English  ▼

X  

ER1601ACT Datasheet(PDF) 1 Page - Won-Top Electronics

Part # ER1601ACT
Description  16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ER1601ACT Datasheet(HTML) 1 Page - Won-Top Electronics

  ER1601ACT Datasheet HTML 1Page - Won-Top Electronics ER1601ACT Datasheet HTML 2Page - Won-Top Electronics ER1601ACT Datasheet HTML 3Page - Won-Top Electronics ER1601ACT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
1
Pb
Features
Glass Passivated Die Construction
B
Superfast 35nS and 50nS Recovery Time
Low Forward Voltage Drop
C
Low Reverse Leakage Current
High Surge Current Capability
G
A
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
PIN1
2
3
SMPS, Inverters and As Free Wheeling Diodes
D
Mechanical Data
F
E
Case: TO-220, Molded Plastic
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
Polarity: See Diagram
I
Weight: 1.9 grams (approx.)
Mounting Position: Any
H
L
Mounting Torque: 0.6 N.m Max.
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1
PIN 2
J
PIN 3
Case
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
ER
1600CT
ER
1601CT
ER
1601ACT
ER
1602CT
ER
1603CT
ER
1604CT
ER
1606CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
Total Device
@TC = 100°C
Per Diode
IO
16
8.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
IFSM
200
A
Forward Voltage per diode
@IF = 8.0A
VFM
0.95
1.3
1.7
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
35
50
nS
Typical Junction Capacitance (Note 2)
CJ
85
60
pF
Thermal Resistance Junction to Ambient per diode
Thermal Resistance Junction to Case per diode
RθJA
RθJC
60
3.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
ER1600CT – ER1606CT
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
WON-TOP ELECTRONICS
®
TO-220
Dim
Min
Max
A
13.90
15.90
B
9.80
10.70
C
2.54
3.43
D
3.56
4.56
E
12.70
14.73
F
0.51
0.96
G
3.55 Ø
4.09 Ø
H
5.75
6.85
I
4.16
5.00
J
2.03
2.92
K
0.30
0.65
L
1.14
1.40
P
2.29
2.79
All Dimensions in mm


Similar Part No. - ER1601ACT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1601ACT WTE-ER1601ACT Datasheet
52Kb / 3P
16A SUPER-FAST GLASS PASSIVATED RECTIFIER
ER1601ACT WTE-ER1601ACT Datasheet
61Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1601ACT PANJIT-ER1601ACT Datasheet
41Kb / 2P
SUPERFAST RECOVERY RECTIFIER
ER1601ACT PANJIT-ER1601ACT Datasheet
86Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
logo
Thinki Semiconductor Co...
ER1601ACT THINKISEMI-ER1601ACT Datasheet
689Kb / 2P
16Ampere Heat Sink Dual Common Cathode Super Fast Recovery Rectifiers
More results

Similar Description - ER1601ACT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1600CT WTE-UF1600CT Datasheet
49Kb / 3P
16A ULTRAFAST GLASS PASSIVATED RECTIFIER
ER1000CT WTE-ER1000CT_06 Datasheet
51Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600FCT WTE-ER1600FCT_06 Datasheet
54Kb / 4P
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
U16D05C WTE-U16D05C Datasheet
59Kb / 4P
16A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
UF1600CT WTE-UF1600CT_06 Datasheet
61Kb / 4P
16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1600FCT WTE-UF1600FCT_06 Datasheet
60Kb / 4P
16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Frontier Electronics.
FEF160-02CT FRONTIER-FEF160-02CT Datasheet
130Kb / 2P
16A DUAL FAST EFFICIENT GLASS PASSIVATED RECTIFIER
GPF160-005 FRONTIER-GPF160-005 Datasheet
123Kb / 2P
16A GLASS PASSIVATED STANDARD RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com